Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8512J Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8512J
Description  26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8512J Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8512J Datasheet HTML 1Page - NXP Semiconductors TDA8512J Datasheet HTML 2Page - NXP Semiconductors TDA8512J Datasheet HTML 3Page - NXP Semiconductors TDA8512J Datasheet HTML 4Page - NXP Semiconductors TDA8512J Datasheet HTML 5Page - NXP Semiconductors TDA8512J Datasheet HTML 6Page - NXP Semiconductors TDA8512J Datasheet HTML 7Page - NXP Semiconductors TDA8512J Datasheet HTML 8Page - NXP Semiconductors TDA8512J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2001 Nov 16
3
Philips Semiconductors
Preliminary specification
26 W BTL and 2
× 13 W SE or
4
× 13 W SE power amplifier
TDA8512J
1
FEATURES
• Requires very few external components
• High output power
• Low output offset voltage Bridge-Tied Load (BTL)
channel
• Fixed gain
• Good ripple rejection
• Mode select switch: operating, mute and standby
• Short-circuit safe to ground and across load
• Low power dissipation in any short-circuit condition
• Thermally protected
• Reverse polarity safe
• Electrostatic discharge protection
• No switch-on and switch-off plops
• Flexible leads
• Low thermal resistance
• Identical inputs: inverting and non-inverting.
2
APPLICATIONS
• Multimedia systems
• Active speaker systems (stereo with sub woofer or
QUAD).
3
GENERAL DESCRIPTION
The TDA8512J is an integrated class-B output amplifier in
a 17-lead Single-In-Line (SIL) power package. It contains
4
× 13 W Single Ended (SE) amplifiers of which two can be
used to configure a 26 W BTL amplifier.
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
General
VP
supply voltage
6
15
18
V
IORM
repetitive peak output current
−−
4A
Iq(tot)
total quiescent current
80
mA
Istb
standby current
0.1
100.0
µA
BTL channel
Po
output power
RL =4 Ω; THD = 10%
26
W
SVRR
supply voltage ripple rejection
46
−−
dB
Vn(o)
noise output voltage
Rs =0 Ω−
70
−µV
Z
i
input impedance
25
−−
k
∆V
OO
DC output offset voltage
−−
150
mV
SE channels
Po
output power
THD = 10%
RL =4 Ω−
7.0
W
RL =2 Ω−
13.0
W
SVRR
supply voltage ripple rejection
46
−−
dB
Vn(o)
noise output voltage
Rs =0 Ω−
50
−µV
Zi
input impedance
50
−−
k
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8512J
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1


Similar Part No. - TDA8512J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8510 PHILIPS-TDA8510 Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8511 PHILIPS-TDA8511 Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
More results

Similar Description - TDA8512J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
TDF8591TH NXP-TDF8591TH Datasheet
234Kb / 34P
   2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
Rev. 01-5 March 2008
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
   2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
   4 x 13 W dual/quad power amplifier
April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com