Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AZ100EP16FE Datasheet(PDF) 4 Page - Arizona Microtek, Inc

Part No. AZ100EP16FE
Description  ECL/PECL High Speed VCSEL Driver with Variable Output Swing or Limiting Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AZM [Arizona Microtek, Inc]
Homepage  http://azmicrotek.com
Logo 

AZ100EP16FE Datasheet(HTML) 4 Page - Arizona Microtek, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AZ100EP16FE
July 2007 * REV - 8
www.azmicrotek.com
4
PACKAGE DIAGRAM
TSSOP 8
MILLIMETERS
DIM
MIN
MAX
A
1.10
A1
0.05
0.15
A2
0.75
0.95
A3
0.25
bp
0.22
0.40
c
0.13
0.23
D
2.90
3.10
E
2.90
3.10
e
0.65
HE
4.75
5.05
L
0.95
Lp
0.40
0.70
v
0.10
w
0.08
y
0.10
Z
0.38
0.64
θ
0
O
6
O
NOTES:
1.
DIMENSIONS D AND E DO NOT
INCLUDE MOLD PROTRUSION.
2.
MAXIMUM MOLD PROTRUSION
FOR D IS 0.15mm.
3.
MAXIMUM MOLD PROTRUSION
FOR E IS 0.25mm.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn