Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P170N2-Q25CR100K Datasheet(PDF) 2 Page - Bi technologies

Part # P170N2-Q25CR100K
Description  17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element 100,000 Cycle Life Switch Option RoHS Compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P170N2-Q25CR100K Datasheet(HTML) 2 Page - Bi technologies

  P170N2-Q25CR100K Datasheet HTML 1Page - Bi technologies P170N2-Q25CR100K Datasheet HTML 2Page - Bi technologies P170N2-Q25CR100K Datasheet HTML 3Page - Bi technologies P170N2-Q25CR100K Datasheet HTML 4Page - Bi technologies P170N2-Q25CR100K Datasheet HTML 5Page - Bi technologies P170N2-Q25CR100K Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Model P170
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
June 14, 2007
page 2 of 6
BI technologies
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
ENVIRONMENTAL
Operating Temperature Range
-20°C to +70°C
Rotational Life
100,000 cycles
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
2
2
2
2
Shaft Types
Shaft Position (F-Type Shaft)
Dashed lines on Type “C” and Type “A” shows position of adjustment slot for E-Type and Q-Type shafts
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE
STANDARD RESISTANCE VALUES, OHMS
VALUES, OHMS
VALUES, OHMS
VALUES, OHMS
100
200
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1MEG
2
Contact our customer service for custom designs and features.
P170 NPD
P170 NPD
P170 NPD
P170 NPD ---- F C 20 B
F C 20 B
F C 20 B
F C 20 B R100K
R100K
R100K
R100K
Model Series
Total Resistance
Style
Shaft Type
Shaft Length “L” see below
Full CCW Shaft Position: see below
Tapers
A = Audio
B = Linear
C = Reverse Audio


Similar Part No. - P170N2-Q25CR100K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P170 ETC2-P170 Datasheet
91Kb / 1P
   SSMP FEMALE STRAIGHT SHORT
logo
TT Electronics.
P170 TTELEC-P170 Datasheet
905Kb / 7P
   RoHS compliant
logo
List of Unclassifed Man...
P170-4 ETC2-P170-4 Datasheet
104Kb / 1P
   VHF Lowband Yagis - Superior Construction Means System Reliability
P170-4 ETC2-P170-4 Datasheet
104Kb / 1P
   VHF Lowband Yagis - Superior Construction Means System Reliability
logo
Littelfuse
P1701A_2L LITTELFUSE-P1701A_2L Datasheet
151Kb / 3P
   Two-chip SLIC Protector
More results

Similar Description - P170N2-Q25CR100K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P231 BITECH-P231 Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
P160 BITECH-P160_08 Datasheet
94Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
P09X BITECH-P09X Datasheet
532Kb / 5P
   9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
logo
C-Media Electronics
P230-1FC20BR100K CMEDIA-P230-1FC20BR100K Datasheet
318Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 500,000 Cycle Life Metal Shaft Brass Bushing RoHS Compliant
logo
Bi technologies
P160 BITECH-P160 Datasheet
284Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
P090 BITECH-P090 Datasheet
199Kb / 3P
   9mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element 100,000 Cycle Life Snap-in Clip RoHS Compliant
P120K BITECH-P120K Datasheet
255Kb / 4P
   12mm Rotary Potentiometer Single/Dual Unit Conductive Plastic Element 100,000 Cycle Life Insulated shaft RoHS Compliant
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
   24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P232 BITECH-P232 Datasheet
84Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/Bushing RoHS Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com