Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZV99LG Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZV99LG
Description  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99LG Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZV99LG Datasheet HTML 1Page - Arizona Microtek, Inc AZV99LG Datasheet HTML 2Page - Arizona Microtek, Inc AZV99LG Datasheet HTML 3Page - Arizona Microtek, Inc AZV99LG Datasheet HTML 4Page - Arizona Microtek, Inc AZV99LG Datasheet HTML 5Page - Arizona Microtek, Inc AZV99LG Datasheet HTML 6Page - Arizona Microtek, Inc AZV99LG Datasheet HTML 7Page - Arizona Microtek, Inc AZV99LG Datasheet HTML 8Page - Arizona Microtek, Inc AZV99LG Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AZV99
April 2007 * REV - 9
www.azmicrotek.com
2
MLP 8, 2x2 mm Package, NA, NB & ND Options
The MLP 8 NA, NB and ND options of the AZV99 provide a PECL/ECL level enable input (EN
¯¯¯). When the
EN
¯¯¯ input is LOW, the Q
¯ and QHG/Q
¯ HG outputs pass data from the inputs. When EN
¯¯¯ is HIGH, the Q
¯ output
continues to pass data while the QHG output is forced high and the Q
¯ HG output is forced low.
Only the Q
¯ output operates with a current source (4 mA) to VEE. This is accomplished by internal bonding of
CS-SEL. An external resistor may also be used to increase pull-down current to a maximum of 25mA (includes
4mA on-chip current source).
The AZV99NB and AZV99ND versions operates with a single ended data input (D). The D
¯ input is internally
bonded directly to the VBB pin bypassing the 470Ω bias resistor.
TSSOP 8 Package (T), MLP 8 Package, (N)
The TSSOP 8 (T) and MLP 8 (N) versions of the AZV99 provide a CMOS/TTL level enable input (EN). When
the EN input is HIGH, the Q
¯ and QHG/Q
¯ HG outputs pass data from the inputs. When EN is LOW, the Q
¯ output
continues to pass data while the QHG output is forced high and the Q
¯ HG output is forced low.
Only the Q
¯ output operates with a current source (4 mA) to VEE. This is accomplished by internal bonding of
CS-SEL. An external resistor may also be used to increase pull-down current to a maximum of 25mA (includes
4mA on-chip current source).
The TSSOP 8 (T) and MLP 8 (N) AZV99 operates with a single ended data input (D). The D
¯ input is internally
bonded directly to the VBB pin bypassing the 470Ω bias resistor.
NOTE: Specifications in the ECL/PECL tables are valid when thermal equilibrium is established.
ENABLE TRUTH TABLE
Q
D
4mA EA.
470
VBB
EN/EN
VEE
EN-SEL
CMOS/TTL
THRESHOLD
CS-SEL
QHG
Q
D
QHG
EN-SEL
EN/EN
¯¯¯
Q/Q
¯
QHG
Q
¯ HG
NC
NC
PECL Low or NC
PECL High or VCC
Data
Data
Data
High
Data
Low
VEE
1
VEE
1
CMOS/TTL Low, VEE or NC
CMOS/TTL High or VCC
2
Data
Data
High
Data
Low
Data
1 EN-SEL connections must be less than 1Ω.
2 An external ≤20kΩ pull-up resistor between EN and VCC ensures a
High when the EN pin is not driven.
CURRENT SOURCE TRUTH TABLE
CS-SEL
Q
Q
¯
NC
VEE
1
VCC
1
4mA typ.
8mA typ.
0
4mA typ.
8mA typ.
4mA typ.
1 CS-SEL connections must be less than 1Ω.
PIN DESCRIPTION
PIN
FUNCTION
D/D
¯
Data Inputs
Q/Q
¯
PECL Data Outputs
QHG/Q
¯ HG
LVDS Data Outputs
VBB
Reference Voltage Output
EN-SEL
Selects Enable Logic
EN/EN
¯¯
Enable Input
CS-SEL
Selects Q and Q
¯ Current Source Magnitude
VEE
Negative Supply
VCC
Positive Supply


Similar Part No. - AZV99LG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZV99LG AZM-AZV99LG Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99LG AZM-AZV99LG Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

Similar Description - AZV99LG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com