Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8444T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8444T
Description  Octuple 6-bit DACs with I2C-bus
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8444T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8444T Datasheet HTML 4Page - NXP Semiconductors TDA8444T Datasheet HTML 5Page - NXP Semiconductors TDA8444T Datasheet HTML 6Page - NXP Semiconductors TDA8444T Datasheet HTML 7Page - NXP Semiconductors TDA8444T Datasheet HTML 8Page - NXP Semiconductors TDA8444T Datasheet HTML 9Page - NXP Semiconductors TDA8444T Datasheet HTML 10Page - NXP Semiconductors TDA8444T Datasheet HTML 11Page - NXP Semiconductors TDA8444T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Apr 29
8
Philips Semiconductors
Product specification
Octuple 6-bit DACs with I2C-bus
TDA8444; TDA8444T;
TDA8444AT
Note
1. The output voltage is typically:
with Vswing =Vo(3FH) − Vo(00H) for VMAX =VCC.
DACs (DAC0 to DAC7)
Vo
DAC output voltage
VMAX =VCC
0.1
VCC − 0.5
V
Vo(min)
minimum output voltage
data = 00H;
IL = −2mA
0.1
0.28
0.5
V
Vo(max)
maximum output voltage
data = 3FH;
IL = −2mA
VMAX =VCC
10.0
10.5
11.5
V
1<VMAX <10V
note 1
V
Io(sink)
output sink current
VDAC =VCC;
data = 1FH
2815
mA
Io(source)
output source current
VDAC =VEE;
data = 1FH
−2
−−6mA
Zo
output impedance
−2 ≤ IL ≤ +2 mA;
data = 1FH
450
DNL
differential non-linearity
VMAX =VCC;
IL = −2mA
−−±0.5
LSB
INL
integral non-linearity
VMAX =VCC;
IL = −2mA
−−±0.5
LSB
∆G
FS
DC gain match at full-scale
data = 3FH;
IL = −2mA
−−
5%
∆G/∆data
DC gain versus other DAC
data change
data = 3FH;
IL = −2mA
<
±0.5
LSB
TC
temperature coefficient
data = 3FH;
IL = −2mA
<
±0.1
LSB/K
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
swing
V
CC
2.0
()
--------------------------------
V
MAX
V
o00H
()
+
×


Similar Part No. - TDA8444T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8440 PHILIPS-TDA8440 Datasheet
74Kb / 12P
   Switch for CTV receivers
November 1985
TDA8440C3 PHILIPS-TDA8440C3 Datasheet
74Kb / 12P
   Switch for CTV receivers
November 1985
TDA8442 PHILIPS-TDA8442 Datasheet
85Kb / 10P
   I2C-bus interface for colour decoders
March 1991
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
TDA8446 PHILIPS-TDA8446 Datasheet
106Kb / 16P
   Fast RGB/YC switch for digital decoding
1995 Feb 16
More results

Similar Description - TDA8444T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
Analog Devices
LTC2633 AD-LTC2633 Datasheet
971Kb / 24P
   Dual 12-/10-/8-Bit I2C DACs
logo
NXP Semiconductors
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
logo
Linear Technology
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
NXP Semiconductors
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
logo
Analog Devices
LTC2631 AD-LTC2631 Datasheet
488Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
Linear Technology
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com