Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8444T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8444T
Description  Octuple 6-bit DACs with I2C-bus
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8444T Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8444T Datasheet HTML 1Page - NXP Semiconductors TDA8444T Datasheet HTML 2Page - NXP Semiconductors TDA8444T Datasheet HTML 3Page - NXP Semiconductors TDA8444T Datasheet HTML 4Page - NXP Semiconductors TDA8444T Datasheet HTML 5Page - NXP Semiconductors TDA8444T Datasheet HTML 6Page - NXP Semiconductors TDA8444T Datasheet HTML 7Page - NXP Semiconductors TDA8444T Datasheet HTML 8Page - NXP Semiconductors TDA8444T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Apr 29
5
Philips Semiconductors
Product specification
Octuple 6-bit DACs with I2C-bus
TDA8444; TDA8444T;
TDA8444AT
Fig.4 Pin configuration (TDA8444AT; SO20).
handbook, halfpage
TDA8444AT
MGL532
1
2
3
4
5
6
7
8
9
10
VCC
VMAX
SDA
SCL
n.c.
n.c.
A0
A1
A2
VEE
DAC7
n.c.
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
n.c.
DAC0
20
19
18
17
16
15
14
13
12
11
FUNCTIONAL DESCRIPTION
I2C-bus interface
The I2C-bus interface is a receive-only slave, which accepts data according the format shown in Table 1.
Table 1
I2C-bus format (see note 1)
Note
1. S = START condition; A2 to A0 = programmable address bits; A = Acknowledge; I3 to I0 = Instruction bits;
SD to SA = subaddress bits; X = don’t care; D5 to D0 = data bits; P = STOP condition.
Valid addresses are:
TDA8444 and TDA8444AT: 40H, 42H, 44H, 46H, 48H, 4AH, 4CH and 4EH
TDA8444T: 48H, 4AH, 4CH and 4EH (A2 is always logic 1).
All other addresses cannot be acknowledged by the circuit. The actual slave address depends on the programmable
address bits A2, A1 and A0. This way up to eight circuits can be used on one I2C-bus.
Valid instructions are: 00H to 0FH; F0H to FFH.
S
0 1 0 0 A2 A1 A0 0
A
I3 I2 I1 I0 SD SC SB SA
A
X X D5 D4 D3 D2 D1 D0
A
P


Similar Part No. - TDA8444T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8440 PHILIPS-TDA8440 Datasheet
74Kb / 12P
   Switch for CTV receivers
November 1985
TDA8440C3 PHILIPS-TDA8440C3 Datasheet
74Kb / 12P
   Switch for CTV receivers
November 1985
TDA8442 PHILIPS-TDA8442 Datasheet
85Kb / 10P
   I2C-bus interface for colour decoders
March 1991
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
TDA8446 PHILIPS-TDA8446 Datasheet
106Kb / 16P
   Fast RGB/YC switch for digital decoding
1995 Feb 16
More results

Similar Description - TDA8444T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
Analog Devices
LTC2633 AD-LTC2633 Datasheet
971Kb / 24P
   Dual 12-/10-/8-Bit I2C DACs
logo
NXP Semiconductors
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
   Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
logo
Linear Technology
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
NXP Semiconductors
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
logo
Analog Devices
LTC2631 AD-LTC2631 Datasheet
488Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
Linear Technology
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com