Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P170S-Q20CR100K Datasheet(PDF) 1 Page - Bi technologies

Part # P170S-Q20CR100K
Description  17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element 100,000 Cycle Life Switch Option RoHS Compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P170S-Q20CR100K Datasheet(HTML) 1 Page - Bi technologies

  P170S-Q20CR100K Datasheet HTML 1Page - Bi technologies P170S-Q20CR100K Datasheet HTML 2Page - Bi technologies P170S-Q20CR100K Datasheet HTML 3Page - Bi technologies P170S-Q20CR100K Datasheet HTML 4Page - Bi technologies P170S-Q20CR100K Datasheet HTML 5Page - Bi technologies P170S-Q20CR100K Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Model P170
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
June 14, 2007
page 1 of 6
BI technologies
17mm Rotary Potentiometer
Metal Shaft / Bushing
Conductive Plastic Element
100,000 Cycle Life
Switch Option
RoHS Compliant
MODEL STYLES
MODEL STYLES
MODEL STYLES
MODEL STYLES
Side Adjust, Solder Lugs
P170N
Side Adjust , Solder Lugs with Switch
P170S
Side Adjust , PCB pins
P170N2
Side Adjust , PCB pins, with Switch
P170S2
Top Adjust, PCB pins
P170NP1
Top Adjust, PCB pins, with Switch
P170SP1
Rear Adjust, PCB pins
P170NPD
Rear Adjust, PCB pins, with Switch
P170SPD
ELECT
ELECT
ELECT
ELECTRICAL
RICAL
RICAL
RICAL
1
1
1
1
Resistance Range, Ohms
100-1M
Standard Resistance Tolerance
± 20%
Residual Resistance
10 ohms max.
Input Voltage, maximum
200 Vac max.
Power rating, Watts
0.1W- B taper, 0.05W- others
Dielectric Strength
500Vac, I minute
Insulation Resistance, Minimum
50M ohms at 500Vdc
Sliding Noise
100mV max.
Actual Electrical Travel, Nominal
240°
Switch Contact Resistance
50 mini ohms max.
Switch Power Rated
1.0A at 12Vdc
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
Total Mechanical Travel
260°± 10°
Static Stop Strength
40 oz-in
Rotational Torque, Maximum
2.5 oz-in
Switch Rotational Angle
30°±10°
1
Specifications subject to change without notice.


Similar Part No. - P170S-Q20CR100K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
More results

Similar Description - P170S-Q20CR100K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P231 BITECH-P231 Datasheet
65Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
P160 BITECH-P160_08 Datasheet
94Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
P09X BITECH-P09X Datasheet
532Kb / 5P
   9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
   17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
logo
C-Media Electronics
P230-1FC20BR100K CMEDIA-P230-1FC20BR100K Datasheet
318Kb / 3P
   24mm Rotary Potentiometer Conductive Plastic Element 500,000 Cycle Life Metal Shaft Brass Bushing RoHS Compliant
logo
Bi technologies
P160 BITECH-P160 Datasheet
284Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
P090 BITECH-P090 Datasheet
199Kb / 3P
   9mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element 100,000 Cycle Life Snap-in Clip RoHS Compliant
P120K BITECH-P120K Datasheet
255Kb / 4P
   12mm Rotary Potentiometer Single/Dual Unit Conductive Plastic Element 100,000 Cycle Life Insulated shaft RoHS Compliant
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
   24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P232 BITECH-P232 Datasheet
84Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/Bushing RoHS Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com