Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SL74LV08 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part No. SL74LV08
Description  Quad 2-Input AND Gate
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLS [System Logic Semiconductor]
Homepage  http://www.slsemicon.co.kr/e_index.htm
Logo 

SL74LV08 Datasheet(HTML) 1 Page - System Logic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
1
System Logic
Semiconductor
SLS
Quad 2-Input AND Gate
The SL74LV08 is low-voltage Si-gate CMOS device and is pin and
function compatible with 74HC/HCT08A.
The SL74LV08 provides the 2-input AND function.
• Optimized for Low Voltage applications: 1.2 to 3.6 V
• Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
• Low Input Current
SL74LV08
ORDERING INFORMATION
SL74LV08N
Plastic
SL74LV08D
SOIC
TA = -40
° ÷ 125°C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
FUNCTION TABLE
Input
Output
A
B
Y = A*B
L
L
L
L
H
L
H
L
L
H
H
H
H - high level
L - low level
PIN ASSIGNMENT
A1
A2
A3
A4
Y1
Y2
Y3
Y4
B1
B2
B3
B4


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn