Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SL74LV08 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part No. SL74LV08
Description  Quad 2-Input AND Gate
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLS [System Logic Semiconductor]
Homepage  http://www.slsemicon.co.kr/e_index.htm
Logo 

SL74LV08 Datasheet(HTML) 4 Page - System Logic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SL74LV08
4
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS (C
L=50 pF, tLH = tHL = 6.0 ns , VIL=0V, VIH=VCC, RL=1k
)
VCC
Guaranteed Limit
V
25
°C
-40
°C ÷ 85°C
-40
°C ÷ 125°C
Symbol
Parameter
min
max
min
max
min
max
Unit
tTHL, (tTLH)
Output Transition
Time, Any Output
(Figure 1)
1.2
2.0
*
-
-
60
16
10
-
-
-
75
20
13
-
-
-
90
24
15
ns
tPHL, (tPLH)
Propagation Delay,
Input A to Output Y
(Figure 1)
1.2
2.0
*
-
-
-
135
23
14
-
-
-
405
28
18
-
-
-
405
34
21
CI
Input Capacitance
3.0
-
7.0
-
-
-
-
pF
Ò À=25
°Ñ, V
I=0V÷VCC
pF
CPD
Power Dissipation Capacitance (Per Gate)
44
* - VCC= (3.3±0.3) V
Used to determine the no-load dynamic power consumption:
PD = CPDVCC
2f
I+
(CLVCC
2fo), f
I-input frequency, fo - output frequency (MHz)
(CLVCC
2fo) – sum of the outputs
Figure 1. Switching Waveforms
Figure 2. Test Circuit
0.1
0.1
0.1
0.1
0.9
0.9
0.9
0.9
V
1
t
P L H
t
HL
t
T H L
t
P H L
t
L H
t
T L H
V
1
V = 0.5 V
1
CC
Input À, B
Output Y
GND
V
O L
V
OH
V
C C
V
1
V
1
PULSE
GENERATOR
DEVICE
UNDER
TEST
V
C C
V
I
V
O
C L
R
L
R
T
Termination resistance RT -
should be equal to ZOUT pulse
generators


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn