Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3875 Datasheet(PDF) 21 Page - Fujitsu Component Limited.

Part # MB3875
Description  DC/DC Converter IC for Charging
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3875 Datasheet(HTML) 21 Page - Fujitsu Component Limited.

Back Button MB3875 Datasheet HTML 17Page - Fujitsu Component Limited. MB3875 Datasheet HTML 18Page - Fujitsu Component Limited. MB3875 Datasheet HTML 19Page - Fujitsu Component Limited. MB3875 Datasheet HTML 20Page - Fujitsu Component Limited. MB3875 Datasheet HTML 21Page - Fujitsu Component Limited. MB3875 Datasheet HTML 22Page - Fujitsu Component Limited. MB3875 Datasheet HTML 23Page - Fujitsu Component Limited. MB3875 Datasheet HTML 24Page - Fujitsu Component Limited. MB3875 Datasheet HTML 25Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MB3875/3877
21
(Continued)
20
15
10
5
0
20
15
10
5
0
0
80
120
160
200
t (ms)
40
BATT (V)
CTL (V)
5 V
5 V
20 ms
20
15
04
6
8
10
t (
µs)
2
10
5
0
−5
OUT (V)
1
µs
5 V
20
15
10
5
0
20
15
10
5
0
0
80
120
160
200
t (ms)
40
BATT (V)
CTL (V)
5 V
5 V
20 ms
20
15
04
6
8
10
t (
µs)
2
10
5
0
−5
OUT (V)
1
µs
5 V
Soft-start operating waveforms
Vin = 16 V
Load: BATT = 20
− INE1 = 0 V
DC/DC converter switching waveforms
Vin = 16 V
FOSC = 288.8 kHz
Load: BATT = 2A
Soft-start operating waveforms
Vin = 19 V
Load: BATT = 20
− INE1 = 0 V
DC/DC converter switching waveforms
Vin = 19 V
FOSC = 288.8 kHz
Load: BATT = 2A


Similar Part No. - MB3875

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3875 FUJITSU-MB3875 Datasheet
293Kb / 27P
   DC/DC Converter IC for Charging
More results

Similar Description - MB3875

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3832A FUJITSU-MB3832A Datasheet
219Kb / 23P
   DC/DC Converter IC for Charging
MB3875 FUJITSU-MB3875 Datasheet
293Kb / 27P
   DC/DC Converter IC for Charging
MB3878 FUJITSU-MB3878 Datasheet
283Kb / 24P
   DC/DC Converter IC for Charging
MB3832A FUJITSU-MB3832A_03 Datasheet
216Kb / 24P
   DC/DC Converter IC for Charging
MB3874 FUJITSU-MB3874 Datasheet
323Kb / 28P
   DC/DC Converter IC for Parallel Charging
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
   DC/DC Converter IC for Charging Li-ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com