Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2430A Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2430A
Description  256-Bit 1-Wire EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2430A Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2430A Datasheet HTML 5Page - Dallas Semiconductor DS2430A Datasheet HTML 6Page - Dallas Semiconductor DS2430A Datasheet HTML 7Page - Dallas Semiconductor DS2430A Datasheet HTML 8Page - Dallas Semiconductor DS2430A Datasheet HTML 9Page - Dallas Semiconductor DS2430A Datasheet HTML 10Page - Dallas Semiconductor DS2430A Datasheet HTML 11Page - Dallas Semiconductor DS2430A Datasheet HTML 12Page - Dallas Semiconductor DS2430A Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS2430A
9 of 16
1-WIRE BUS SYSTEM
The 1-Wire bus is a system that has a single bus master and one or more slaves. In all instances, the
DS2430A is a slave device. The bus master is typically a microcontroller. The discussion of this bus
system is broken down into three topics: hardware configuration, transaction sequence, and 1-Wire
signaling (signal type and timing). A 1-Wire protocol defines bus transactions in terms of the bus state
during specified time slots that are initiated on the falling edge of sync pulses from the bus master.
Hardware Configuration
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to
drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open
drain connection or three-state outputs. The 1-Wire port of the DS2430A is open drain with an internal
circuit equivalent to that shown in Figure 7. A multidrop bus consists of a 1-Wire bus with multiple
slaves attached. The DS2430A communicates at regular 1-Wire speed, 16.3kbits per second, and requires
a pullup resistor as shown in Figure 7. The idle state for the 1-Wire bus is high. If for any reason a
transaction needs to be suspended, the bus MUST be left in the idle state if the transaction is to resume. If
this does not occur and the bus is left low for more than 120µs, one or more of the devices on the bus may
be reset.
HARDWARE CONFIGURATION Figure 7
Note: Depending on the 1-Wire communication speed and the bus characteristics, the optimal pullup
resistor value will be in the 1.5k
Ω to 5kΩ range. To write to a single device, a 2.2kΩ resistor and VPUP of
at least 4.0V is sufficient. For writing multiple DS2430As simultaneously or operation at low VPUP, the
resistor should be bypassed by a low-impedance pullup to VPUP while the device copies the scratchpad to
EEPROM.
RPU
RPU


Similar Part No. - DS2430A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
   256-Bit 1-Wire EEPROM
4/10
DS2430A MAXIM-DS2430A Datasheet
866Kb / 19P
   256-Bit 1-Wire EEPROM
Rev 2/12
logo
List of Unclassifed Man...
DS2430A ETC2-DS2430A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Maxim Integrated Produc...
DS2430A++ MAXIM-DS2430A+ Datasheet
624Kb / 19P
   256-Bit 1-Wire EEPROM
4/10
More results

Similar Description - DS2430A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
   256-Bit 1-Wire EEPROM
4/10
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2430A MAXIM-DS2430A_12 Datasheet
866Kb / 19P
   256-Bit 1-Wire EEPROM
Rev 2/12
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
logo
Dallas Semiconductor
DS2433 DALLAS-DS2433 Datasheet
588Kb / 19P
   4k-Bit 1-Wire EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com