Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSA23-11SRWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. PSA23-11SRWA
Description  56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

PSA23-11SRWA Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAB3158
REV NO: V.10
DATE:JUN/01/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN:Z.Z.YANG
ERP: 1311000090
Part Number: PSA23-11SRWA
SUPER BRIGHT RED
Description
The Super Bright Red source color devices are made
with Gallium Aluminum Arsenide Red Light Emitting
Diode.
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is
±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
56.8mm (2.3 INCH) 16 SEGMENT SINGLE
DIGIT ALPHANUMERIC DISPLAY
Features
2.3 INCH CHARACTER HEIGHT.
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn