Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

517D226M200CG6AE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 517D226M200CG6AE3
Description  Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

517D226M200CG6AE3 Datasheet(HTML) 7 Page - Vishay Siliconix

  517D226M200CG6AE3 Datasheet HTML 1Page - Vishay Siliconix 517D226M200CG6AE3 Datasheet HTML 2Page - Vishay Siliconix 517D226M200CG6AE3 Datasheet HTML 3Page - Vishay Siliconix 517D226M200CG6AE3 Datasheet HTML 4Page - Vishay Siliconix 517D226M200CG6AE3 Datasheet HTML 5Page - Vishay Siliconix 517D226M200CG6AE3 Datasheet HTML 6Page - Vishay Siliconix 517D226M200CG6AE3 Datasheet HTML 7Page - Vishay Siliconix 517D226M200CG6AE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 42053
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 07-Nov-06
347
517D
Aluminum Capacitors
+ 105 °C, General Purpose Miniature, Radial Lead
Vishay Sprague
160 WVDC at + 105 °C, SURGE = 200 V
0.47
517D474M160AA6AE3
0.248 x 0.433 [6.3 x 11.0]
12.0
0.15
1.0
517D105M160AA6AE3
0.248 x 0.433 [6.3 x 11.0]
17.0
0.15
2.2
517D225M160AA6AE3
0.248 x 0.433 [6.3 x 11.0]
25.0
0.15
3.3
517D335M160BB6AE3
0.315 x 0.453 [8.0 x 11.5]
36.0
0.15
4.7
517D475M160BB6AE3
0.315 x 0.453 [8.0 x 11.5]
43.0
0.15
10.0
517D106M160CC6AE3
0.394 x 0.492 [10.0 x 12.5]
70.0
0.15
22.0
517D226M160CG6AE3
0.394 x 0.787 [10.0 x 20.0]
130.0
0.15
33.0
517D336M160DG6AE3
0.492 x 0.787 [12.5 x 20.0]
180.0
0.15
47.0
517D476M160DK6AE3
0.492 x 0.984 [12.5 x 25.0]
220.0
0.15
100.0
517D107M160EK6AE3
0.630 x 0.984 [16.0 x 25.0]
330.0
0.15
220.0
517D227M160FR6AE3
0.709 x 1.398 [18.0 x 35.5]
500.0
0.15
200 WVDC at + 105 °C, SURGE = 250 V
0.47
517D474M200AA6AE3
0.248 x 0.433 [6.3 x 11.0]
12.0
0.15
1.0
517D105M200AA6AE3
0.248 x 0.433 [6.3 x 11.0]
17.0
0.15
2.2
517D225M200AA6AE3
0.248 x 0.433 [6.3 x 11.0]
25.0
0.15
3.3
517D335M200BB6AE3
0.315 x 0.453 [8.0 x 11.5]
36.0
0.15
4.7
517D475M200CC6AE3
0.394 x 0.492 [10.0 x 12.5]
50.0
0.15
10.0
517D106M200CD6AE3
0.394 x 0.630 [10.0 x 16.0]
80.0
0.15
22.0
517D226M200CG6AE3
0.394 x 0.787 [10.0 x 20.0]
140.0
0.15
33.0
517D336M200DK6AE3
0.492 x 0.984 [12.5 x 25.0]
198.0
0.15
47.0
517D476M200DK6AE3
0.492 x 0.984 [12.5 x 25.0]
220.0
0.15
100.0
517D107M200EN6AE3
0.630 x 1.240 [16.0 x 31.5]
335.0
0.15
220.0
517D227M200FV6AE3
0.709 x 1.575 [18.0 x 40.0]
515.0
0.15
250 WVDC at + 105 °C, SURGE = 300 V
0.47
517D474M250AA6AE3
0.248 x 0.433 [6.3 x 11.0]
12.0
0.15
1.0
517D105M250AA6AE3
0.248 x 0.433 [6.3 x 11.0]
17.0
0.15
2.2
517D225M250BB6AE3
0.315 x 0.453 [8.0 x 11.5]
29.0
0.15
3.3
517D335M250CC6AE3
0.394 x 0.492 [10.0 x 12.5]
42.0
0.15
4.7
517D475M250CC6AE3
0.394 x 0.492 [10.0 x 12.5]
50.0
0.15
10.0
517D106M250CG6AE3
0.394 x 0.787 [10.0 x 20.0]
88.0
0.15
22.0
517D226M250DK6AE3
0.492 x 0.984 [12.5 x 25.0]
155.0
0.15
33.0
517D336M250DK6AE3
0.492 x 0.984 [12.5 x 25.0]
190.0
0.15
47.0
517D476M250EK6AE3
0.630 x 0.984 [16.0 x 25.0]
230.0
0.15
100.0
517D107M250FR6AE3
0.709 x 1.398 [18.0 x 35.5]
340.0
0.15
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
Max. RIPPLE
at + 105 °C
120 Hz (mA)
Max. DF
at + 20 °C
120 Hz


Similar Part No. - 517D226M200CG6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D226M200CG6AE3 VISHAY-517D226M200CG6AE3 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 517D226M200CG6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com