Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

517D106M200CD6AE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 517D106M200CD6AE3
Description  Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

517D106M200CD6AE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  517D106M200CD6AE3 Datasheet HTML 1Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 2Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 3Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 4Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 5Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 6Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 7Page - Vishay Siliconix 517D106M200CD6AE3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 42053
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 07-Nov-06
341
517D
Vishay Sprague
Aluminum Capacitors
+ 105 °C, General Purpose Miniature, Radial Lead
FEATURES
• High CV per case size
• Low cost
• Solvent resistant construction
(through 100 WVDC)
• High temperature operation
• Life test to 2000 hours at + 105 °C
Fig.1 Component outline
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in mm
0.197” x 0.433” [5.0 x 11.0]
to 0.709” x 1.575” [18.0 x 40.0]
Operating temperature
- 55 °C to + 105 °C (6.3 WVDC
to 100 WVDC)
- 40 °C to + 105 °C (160 WVDC
to 250 WVDC)
Rated Capacitance range, CR
0.47 µF to 15 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3 WVDC to 250 WVDC
Termination
2 radial leads
Life validation test at 105 °C
2000 hours:
Δ CAP ± 20 % from
initial measurement.
Δ DF 2 x initial specified limit.
Δ DCL ≤ initial specified limit.
Shelf life at 105 °C
1000 hours:
Δ CAP ± 20 % from
initial measurement.
Δ DF 2 x initial specified limit.
Δ DCL ≤ initial specified limit
DC leakage current
Rated voltage for 1 minute for
6.3 WVDC to 100 WVDC units:
I < 0.03 CV or 4 µA
(whichever is greater).
Rated voltage for 2 minutes for
6.3 WVDC to 100 WVDC units:
I < 0.04 CV or 3 µA
(whichever is greater).
rated voltage for 1 minute for
160 WVDC to 250 WVDC units:
I < 0.1 CV + 40 µA and CV > 1000;
I < 0.04 CV + 100 µA
and CV > 1000
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
Ambient Temperature
Multipliers
+ 70 °C
1.78
+ 85 °C
1.4
+ 105 °C
1.0
FREQUENCY (Hz)
WVDC
Cap. (µF)
50 - 60 100 - 120 300 - 400 1 kHz
≤ 10 kHz
6.3 - 100
0 - 47
0.75
1
1.35
1.57
2.00
100 - 470
0.80
1
1.23
1.34
1.50
1000 - 22 000
0.85
1
1.10
1.13
1.15
160 - 250
0.47 - 100
0.80
1
1.25
1.40
1.60
LOW TEMPERATURE PERFORMANCE
MAXIMUM IMPEDANCE RATIO Z(T)/Z(+ 20 °C)
MAXIMUM AT 120 Hz
Rated Voltage
(WVDC)
Z - 25 °C/Z + 20 °C
Z - 40 °C/Z + 20 °C
6.3
4.0
8.0
10.0
3.0
6.0
16.0
2.0
4.0
25.0 - 100.0
2.0
3.0
160.0 - 200.0
2.0
4.0
250.0
4.0
6.0
DIMENSIONS in inches [millimeters]
CASE
CODE
NOMINAL CASE SIZE
D X L
LEAD SPACING
S
NOMINAL LEAD DIAMETER
D
TYPICAL WEIGHT
(GRAMS)
JA
0.197 x .433 [5.0 x 11.0]
0.079 [2.0]
0.020 [0.50]
0.44
AA
0.248 x .433 [6.3 x 11.0]
0.098 [2.5]
0.020 [0.50]
0.63
BB
0.315 x .453 [8.0 x 11.5]
0.138 [3.5]
0.024 [0.60]
1.03
CC
0.394 x .492 [10.0 x 12.5]
0.197 [5.0]
0.024 [0.60]
1.53
CD
0.394 x .630 [10.0 x 16.0]
0197 [5.0]
0.024 [0.60]
1.86
CG
0.394 x .787 [10.0 x 20.0]
0.197 [5.0]
0.024 [0.60]
2.48
DG
0.492 x 0.787 [12.5 x 20.0]
0.197 [5.0]
0.024 [0.60]
3.98


Similar Part No. - 517D106M200CD6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D106M200CD6AE3 VISHAY-517D106M200CD6AE3 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 517D106M200CD6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com