Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8871SBPW Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8871SBPW
Description  16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8871SBPW Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DAC8871SBPW Datasheet HTML 1Page - Burr-Brown (TI) DAC8871SBPW Datasheet HTML 2Page - Burr-Brown (TI) DAC8871SBPW Datasheet HTML 3Page - Burr-Brown (TI) DAC8871SBPW Datasheet HTML 4Page - Burr-Brown (TI) DAC8871SBPW Datasheet HTML 5Page - Burr-Brown (TI) DAC8871SBPW Datasheet HTML 6Page - Burr-Brown (TI) DAC8871SBPW Datasheet HTML 7Page - Burr-Brown (TI) DAC8871SBPW Datasheet HTML 8Page - Burr-Brown (TI) DAC8871SBPW Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DAC8871
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
DAC
DAC8871
Control
Logic
V
-S
REFL
V
-F
REFL
V
-F
REFH
V
-S
REFH
V
OUT
AGND
DGND
V
DD
V
CC
V
SS
RSTSEL
RST
LDAC
Serial
Interface
CS
SCLK
SDI
Input
Data
Register
DAC
Latch
DAC8871
SBAS396 – JUNE 2007
16-Bit, Single-Channel,
±18V Output (Unbuffered), Ultra-Low Power, Serial Interface
DIGITAL-TO-ANALOG CONVERTER
• 16-Bit Resolution
The DAC8871 is a 16-bit, single-channel, serial
input,
voltage
output
digital-to-analog
converter
• Output: ±18V for ±18V Reference Input
(DAC). The output range is determined by the
• ±18V Supply Operation
reference voltage, VREFH and VREFL. By properly
• Very Low Power
selecting the reference, the output can be unipolar or
• High Accuracy INL: 1LSB
bipolar, and up to
±18V. These converters provide
excellent linearity (1LSB INL), low noise, and fast
• Low Noise: 10nV/√Hz
settling (1
µs to 1LSB of full scale output) over the
• Fast Settling: 1µs to 1LSB
specified temperature range of –40
°C to +105°C.
• Fast SPI™ Interface: Up To 50MHz
The output is unbuffered, which reduces the power
consumption and the error introduced by the buffer.
• 16-Pin TSSOP Package
The device features a standard high-speed clock (up
• Selectable Reset to Zero or Midscale
to 50MHz), and a 3V or 5V SPI serial interface to
communicate with the DSP or microprocessors.
For
optimum
performance,
a
set
of
Kelvin
• Portable Equipment
connections to external reference are provided. The
• Automatic Test Equipment
DAC8871 is available in a TSSOP-16 package.
• Industrial Process Control
• Data Acquisition Systems
• Optical Networking
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI DSP is a trademark of Texas Instruments.
SPI, QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8871SBPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8871SBPW BURR-BROWN-DAC8871SBPW Datasheet
697Kb / 21P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
DAC8871SBPWG4 BURR-BROWN-DAC8871SBPWG4 Datasheet
697Kb / 21P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
DAC8871SBPWR BURR-BROWN-DAC8871SBPWR Datasheet
697Kb / 21P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
DAC8871SBPWRG4 BURR-BROWN-DAC8871SBPWRG4 Datasheet
697Kb / 21P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8871SBPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8871 BURR-BROWN-DAC8871_08 Datasheet
697Kb / 21P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com