Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS274 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS274
Description  HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS274 Datasheet(HTML) 3 Page - STMicroelectronics

  TS274 Datasheet HTML 1Page - STMicroelectronics TS274 Datasheet HTML 2Page - STMicroelectronics TS274 Datasheet HTML 3Page - STMicroelectronics TS274 Datasheet HTML 4Page - STMicroelectronics TS274 Datasheet HTML 5Page - STMicroelectronics TS274 Datasheet HTML 6Page - STMicroelectronics TS274 Datasheet HTML 7Page - STMicroelectronics TS274 Datasheet HTML 8Page - STMicroelectronics TS274 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TS274
Absolute maximum ratings & operating conditions
3/15
2
Absolute maximum ratings & operating conditions
Table 1.
Absolute maximum ratings (AMR)
Table 2.
Operating conditions
Symbol
Parameter
TS274C/AC/BC
TS274I/AI/BI
Unit
VCC
+
Supply Voltage (1)
1.
All values, except differential voltage are with respect to network ground terminal.
18
V
Vid
Differential Input Voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
Vi
Input Voltage (3)
3.
The magnitude of the input and the output voltages must never exceed the magnitude of the positive
supply voltage.
-0.3 to 18
V
Io
Output Current for VCC
+ ≥ 15V
±30
mA
Iin
Input Current
±5
mA
Toper
Operating Free-Air Temperature Range
0 to +70
-40 to +125
°C
Tstg
Storage Temperature Range
-65 to +150
°C
Rthja
Thermal Resistance Junction to Ambient(4)
SO-14
TSSOP14
DIP14
4.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
103
100
80
°C/W
Rthjc
Thermal Resistance Junction to Case
SO-14
TSSOP14
DIP14
31
32
33
°C/W
ESD
HBM: Human Body Model(5)
5.
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
500
V
MM: Machine Model(6)
6.
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC
with no external series resistor (internal resistor < 5
Ω), into pin to pin of device.
100
V
CDM: Charged Device Model
800
V
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage
3 to 16
V
Vicm
Common Mode Input Voltage Range
0 to VCC
+ - 1.5
V


Similar Part No. - TS274

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
158Kb / 14P
   High performance CMOS quad operational amplifier
TS274AC STMICROELECTRONICS-TS274AC Datasheet
90Kb / 8P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
TS274ACD STMICROELECTRONICS-TS274ACD Datasheet
158Kb / 14P
   High performance CMOS quad operational amplifier
TS274ACDT STMICROELECTRONICS-TS274ACDT Datasheet
158Kb / 14P
   High performance CMOS quad operational amplifier
TS274ACN STMICROELECTRONICS-TS274ACN Datasheet
158Kb / 14P
   High performance CMOS quad operational amplifier
More results

Similar Description - TS274

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
TS514 STMICROELECTRONICS-TS514 Datasheet
58Kb / 7P
   HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Elantec Semiconductor
EL2423D ELANTEC-EL2423D Datasheet
328Kb / 1P
   Quad De-Compensated High Speed Operational Amplifiers
logo
Rohm
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M4C STMICROELECTRONICS-TS27M4C Datasheet
124Kb / 9P
   PRECISION LOW POWER CMOS QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com