Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS271CN Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS271CN
Description  CMOS Programmable Low Power Single Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS271CN Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS271CN Datasheet HTML 7Page - STMicroelectronics TS271CN Datasheet HTML 8Page - STMicroelectronics TS271CN Datasheet HTML 9Page - STMicroelectronics TS271CN Datasheet HTML 10Page - STMicroelectronics TS271CN Datasheet HTML 11Page - STMicroelectronics TS271CN Datasheet HTML 12Page - STMicroelectronics TS271CN Datasheet HTML 13Page - STMicroelectronics TS271CN Datasheet HTML 14Page - STMicroelectronics TS271CN Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
Electrical Characteristics
TS271
Figure 24. Open loop frequency response and
phase shift
Figure 25. Gain bandwidth product versus
supply voltage
Figure 26. Phase margin versus supply
voltage
50
40
30
20
10
0
-1 0
6
10
10
23
10
4
10
5
10
7
10
0
45
90
13 5
18 0
F R E Q UE NC Y , f (Hz )
T
= 25°C
V= 1 0 V
R= 100k
C
= 10 0pF
A= 1 0 0
am b
CC
L
L
VC L
PH AS E
GA IN
Phase
Margin
Gain
Bandwidth
Product
+
0
4
8
12
16
am b
L
L
V
T
= 25°C
R = 100k
C = 1 00p F
A =1
SU PP L Y V O L T AG E, V
(V )
CC
0.9
0.8
0.7
0.6
0.5
0.4
50
0
48
12
16
SU PP L Y V O L T AG E, V
(V)
CC
40
20
10
am b
L
L
V
T
= 25°C
R = 100k
C = 1 00p F
A =1
30
Figure 27. Phase margin versus capacitive
load
Figure 28. Slew rate versus supply voltage
50
40
30
20
L
C APA C IT A N C E, C
(p F )
20
0
80
10 0
60
40
am b
L
V
T
= 25°C
R = 100k
A =1
V= 1 0 V
CC
0
4
6
8
1 0
12
14
1 6
SU PPL Y V O L T A G E , V
(V )
CC
SR
SR
am b
L
L
T
= 25°C
R = 100k
C = 1 00p F
0.2
0.4
0.6
0.8
1.0


Similar Part No. - TS271CN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS271C STMICROELECTRONICS-TS271C Datasheet
168Kb / 15P
   PROGRAMMABLE CMOS SINGLE OPERATIONAL AMPLIFIERS
TS271C STMICROELECTRONICS-TS271C Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
TS271CAC STMICROELECTRONICS-TS271CAC Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
TS271CB STMICROELECTRONICS-TS271CB Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - TS271CN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS271 STMICROELECTRONICS-TS271 Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
ULV7011 UTC-ULV7011 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7012 UTC-ULV7012 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
ULV7013 UTC-ULV7013 Datasheet
155Kb / 4P
   LOW-POWER TINY SINGLE CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
   Low Power CMOS Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
   Low Power CMOS Operational Amplifier
logo
ELM Electronics
ELM832B ELM-ELM832B Datasheet
947Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Technology Corporat...
ELM832B ELM-TECH-ELM832B Datasheet
118Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Electronics
ELM842-SERIES ELM-ELM842-SERIES Datasheet
937Kb / 10P
   CMOS Low power operational amplifier
ELM832-SERIES ELM-ELM832-SERIES Datasheet
879Kb / 9P
   CMOS Low power operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com