Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-5803Z Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # AFBR-5803Z
Description  FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AFBR-5803Z Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button AFBR-5803Z Datasheet HTML 3Page - Agilent(Hewlett-Packard) AFBR-5803Z Datasheet HTML 4Page - Agilent(Hewlett-Packard) AFBR-5803Z Datasheet HTML 5Page - Agilent(Hewlett-Packard) AFBR-5803Z Datasheet HTML 6Page - Agilent(Hewlett-Packard) AFBR-5803Z Datasheet HTML 7Page - Agilent(Hewlett-Packard) AFBR-5803Z Datasheet HTML 8Page - Agilent(Hewlett-Packard) AFBR-5803Z Datasheet HTML 9Page - Agilent(Hewlett-Packard) AFBR-5803Z Datasheet HTML 10Page - Agilent(Hewlett-Packard) AFBR-5803Z Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Figure 8. Recommended Board Layout Hole Pattern
Solder and Wash Process
Compatibility
The transceivers are delivered
with protective process plugs
inserted into the duplex SC or
duplex ST connector
receptacle. This process plug
protects the optical
subassemblies during wave
solder and aqueous wash
processing and acts as a dust
cover during shipping.
These transceivers are compat-
ible with either industry
standard wave or hand solder
processes.
Shipping Container
The transceiver is packaged in
a shipping container designed
to protect it from mechanical
and ESD damage during
shipment or storage.
Board Layout - Decoupling Circuit
and Ground Planes
It is important to take care in
the layout of your circuit
board to achieve optimum
performance from these
transceivers. Figure 7 provides
a good example of a schematic
for a power supply decoupling
circuit that works well with
these parts. It is further
recommended that a
contiguous ground plane be
provided in the circuit board
directly under the transceiver
to provide a low inductance
ground for signal return
current. This recommendation
is in keeping with good high
frequency board layout
practices.
Board Layout - Hole Pattern
The Agilent transceiver
complies with the circuit board
“Common Transceiver
Footprint” hole pattern defined
in the original multisource
announcement which defined
the 1 x 9 package style. This
drawing is reproduced in
Figure 8 with the addition of
ANSI Y14.5M compliant
dimensioning to be used as a
guide in the mechanical layout
of your circuit board.
Board Layout - Mechanical
For applications providing a
choice of either a duplex SC
or a duplex ST connector
interface, while utilizing the
same pinout on the printed
circuit board, the ST port
needs to protrude from the
chassis panel a minimum of
9.53 mm for sufficient
clearance to install the ST
connector.
Please refer to Figure 8a for a
mechanical layout detailing the
recommended location of the
duplex SC and duplex ST
transceiver packages in
relation to the chassis panel.
20.32
(0.800)
TOP VIEW
2 x Ø 1.9 ± 0.1
(0.075 ± 0.004)
20.32
(0.800)
2.54
(0.100)
9 x Ø 0.8 ± 0.1
(0.032 ± 0.004)
DIMENSIONS ARE IN MILLIMETERS (INCHES)


Similar Part No. - AFBR-5803Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803Z AVAGO-AFBR-5803Z Datasheet
506Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803Z BOARDCOM-AFBR-5803Z Datasheet
803Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
More results

Similar Description - AFBR-5803Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5803 HP-HFBR-5803 Datasheet
254Kb / 16P
   FDDI 100 Mb/s ATM and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5803AQZ AVAGO-AFBR-5803AQZ Datasheet
489Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
AFBR-5803Z AVAGO-AFBR-5803Z Datasheet
506Kb / 16P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5803Z BOARDCOM-AFBR-5803Z Datasheet
803Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
AFBR-5803AQZ BOARDCOM-AFBR-5803AQZ Datasheet
783Kb / 19P
   FDDI, 100 Mb/s ATM, and Fast Ethernet Transceivers in Low-Cost 1 횞 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5103Z AVAGO-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Broadcom Corporation.
AFBR-5103Z BOARDCOM-AFBR-5103Z Datasheet
136Kb / 20P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
   FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com