Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79C940 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE??
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 7Page - Advanced Micro Devices AM79C940 Datasheet HTML 8Page - Advanced Micro Devices AM79C940 Datasheet HTML 9Page - Advanced Micro Devices AM79C940 Datasheet HTML 10Page - Advanced Micro Devices AM79C940 Datasheet HTML 11Page - Advanced Micro Devices AM79C940 Datasheet HTML 12Page - Advanced Micro Devices AM79C940 Datasheet HTML 13Page - Advanced Micro Devices AM79C940 Datasheet HTML 14Page - Advanced Micro Devices AM79C940 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 144 page
background image
Am79C940
11
PIN/PACKAGE SUMMARY (PLCC)
PLCC Pin #
Pin Name
Pin Function
1
DXCVR
Disable Transceiver
2
EDSEL
Edge Select
3DVSS
Digital Ground
4
TXDAT+
Transmit Data +
5TXDAT–
Transmit Data –
6DVSS
Digital Ground
7
STDCLK
Serial Transmit Data Clock
8
TXEN/TXEN
Transmit Enable
9
CLSN
Collision
10
RXDAT
Receive Data
11
RXCRS
Receive Carrier Sense
12
SRDCLK
Serial Receive Data Clock
13
EAM/R
External Address Match/Reject
14
SRD
Serial Receive Data
15
SF/BD
Start Frame/Byte Delimiter
16
RESET
Reset
17
SLEEP
Sleep Mode
18
DVDD
Digital Power
19
INTR
Interrupt
20
TC
Timing Control
21
DBUS0
Data Bus0
22
DVSS
Digital Ground
23
DBUS1
Data Bus1
24
DBUS2
Data Bus2
25
DBUS3
Data Bus3
26
DBUS4
Data Bus4
27
DVSS
Digital Ground
28
DBUS5
Data Bus5
29
DBUS6
Data Bus6
30
DBUS7
Data Bus7
31
DBUS8
Data Bus8
32
DBUS9
Data Bus9
33
DBUS10
Data Bus10
34
DBUS11
Data Bus11
35
DBUS12
Data Bus12
36
DBUS13
Data Bus13
37
DVDD
Digital Power
38
DBUS14
Data Bus14
39
DBUS15
Data Bus15
40
DVSS
Digital Ground
41
EOF
End Of Frame
42
DTV
Data Transfer Valid
43
FDS
FIFO Data Strobe
44
BE0
Byte Enable0


Similar Part No. - AM79C940

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
logo
Pulse A Technitrol Comp...
AM79C940 PULSE-AM79C940 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Rochester Electronics
Am79C940B-16JC ROCHESTER-Am79C940B-16JC Datasheet
630Kb / 13P
   Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Am79C940B-25JC ROCHESTER-Am79C940B-25JC Datasheet
630Kb / 13P
   Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Am79C940BJC ROCHESTER-Am79C940BJC Datasheet
630Kb / 13P
   Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
More results

Similar Description - AM79C940

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
logo
Rochester Electronics
79C940 ROCHESTER-79C940 Datasheet
630Kb / 13P
   Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
logo
List of Unclassifed Man...
NPC1140-BB1C ETC2-NPC1140-BB1C Datasheet
99Kb / 1P
   Quad Gigabit Ethernet Media Access Controller
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
logo
National Semiconductor ...
DP83261 NSC-DP83261 Datasheet
1Mb / 132P
   BMAC Device (FDDI Media Access Controller)
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
   10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
ATMEL Corporation
AT76C502A ATMEL-AT76C502A Datasheet
376Kb / 3P
   11-megabit WLAN Media Access Controller MAC
logo
Infineon Technologies A...
PMB8789 INFINEON-PMB8789 Datasheet
151Kb / 2P
   Dual-Band Media Access Controller (MAC) for WLAN System Solutions
2003
logo
ATMEL Corporation
AT76C504A ATMEL-AT76C504A Datasheet
41Kb / 3P
   802.11b Baseband and Media Access Controller (MAC) for PCMCIA Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com