Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2630-HZ10 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2630-HZ10
Description  Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2630-HZ10 Datasheet(HTML) 1 Page - Linear Technology

  LTC2630-HZ10 Datasheet HTML 1Page - Linear Technology LTC2630-HZ10 Datasheet HTML 2Page - Linear Technology LTC2630-HZ10 Datasheet HTML 3Page - Linear Technology LTC2630-HZ10 Datasheet HTML 4Page - Linear Technology LTC2630-HZ10 Datasheet HTML 5Page - Linear Technology LTC2630-HZ10 Datasheet HTML 6Page - Linear Technology LTC2630-HZ10 Datasheet HTML 7Page - Linear Technology LTC2630-HZ10 Datasheet HTML 8Page - Linear Technology LTC2630-HZ10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2630
1
2630f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Single 12-/10-/8-Bit Rail-to-
Rail DACs with Integrated
Reference in SC70
The LTC®2630 is a family of 12-, 10-, and 8-bit voltage-
output DACs with an integrated, high-accuracy, low-drift
reference in a 6-lead SC70 package. It has a rail-to-rail
output buffer and is guaranteed monotonic.
The LTC2630-L has a full-scale output of 2.5V, and
operates from a single 2.7V to 5.5V supply. The
LTC2630-H has a full-scale output of 4.096V, and operates
from a 4.5V to 5.5V supply. Each DAC can also operate in
supply as reference mode, which sets the full-scale output
to the supply voltage.
The parts use a simple SPI/MICROWIRE™ compatible
3-wire serial interface which operates at clock rates up
to 50MHz.
The LTC2630 incorporates a power-on reset circuit. Op-
tions are available for reset to zero or reset to midscale
after power-up.
Integral Nonlinearity (LTC2630A-LZ12)
Integrated Precision Reference
2.5V Full Scale 10ppm/°C (LTC2630-L)
4.096V Full Scale 10ppm/°C (LTC2630-H)
Maximum INL Error: 1 LSB (LTC2630A-12)
Low Noise: 0.7mVP-P, 0.1Hz to 200kHz
Guaranteed Monotonic over Temperature
Selectable Internal Reference or Supply as Reference
2.7V to 5.5V Supply Range (LTC2630-L)
Low Power Operation: 180µA at 3V
Power Down to 1.5µA Maximum (C and I Grades)
Power-on Reset to Zero or Midscale Options
SPI Serial Interface
Double-Buffered Data Latches
Tiny 6-Lead SC70 Package
Mobile Communications
Process Control and Industrial Automation
Automatic Test Equipment
Portable Equipment
Automotive
DAC
REGISTER
RESISTOR
DIVIDER
INTERNAL
REFERENCE
INPUT
REGISTER
24-BIT
SHIFT
REGISTER
DAC
VOUT
CONTROL
DECODE LOGIC
CS/LD
VCC
GND
DACREF
2630 BD
SCK
SDI
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents
including 5396245, 5859606, 6891433 and 6937178.
CODE
0
0
0.5
4095
2630 TA03
–0.5
–1.0
1024
2048
3072
1.0
VCC = 3V
VFS = 2.5V


Similar Part No. - LTC2630-HZ10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2630 LINER-LTC2630 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2630 LINER-LTC2630 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2630-HZ10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630_15 Datasheet
365Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs with 10ppm/C Reference in SC70
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com