Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

517D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 517D
Description  Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

517D Datasheet(HTML) 4 Page - Vishay Siliconix

  517D Datasheet HTML 1Page - Vishay Siliconix 517D Datasheet HTML 2Page - Vishay Siliconix 517D Datasheet HTML 3Page - Vishay Siliconix 517D Datasheet HTML 4Page - Vishay Siliconix 517D Datasheet HTML 5Page - Vishay Siliconix 517D Datasheet HTML 6Page - Vishay Siliconix 517D Datasheet HTML 7Page - Vishay Siliconix 517D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42053
344
Revision: 07-Nov-06
517D
Vishay Sprague
Aluminum Capacitors
+ 105 °C, General Purpose Miniature, Radial Lead
ORDERING EXAMPLE*
Electrolytic capacitor 517D series
517D 107M 6R3 JA 6A E3
6A = Bulk, Uncut leads.
6C = Cut leads (not stocked).
6F = Formed and cut leads (not stocked).
6S = Snap-in leads (not stocked).
For Cases Codes JA, AA, BB, CC, CD, CG, and DG only:
8P = Ammo-Pack.
All items stating “not stocked” are items that are not generally
stocked unless a Purchase Order is placed. Lead time is
16 weeks for these items unless there is excess inventory.
* Suffix E3 denotes lead (Pb)-free/RoHS compliant products.
ELECTRICAL DATA
SYMBOL
DESCRIPTION
µF
rated capacitance
± %
M = ± 20 %
DC
voltage rating at 105 °C
JA
see dimensions in millimeters table
6
packaging code
A
termination
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
Max. RIPPLE
at + 105 °C
120 Hz (mA)
Max. DF
at + 20 °C
120 Hz
6.3 WVDC at + 105 °C, SURGE = 8 V
22.0
517D226M6R3JA6AE3
0.197 x 0.433 [5.0 x 11.0]
34.0
0.26
33.0
517D336M6R3JA6AE3
0.197 x 0.433 [5.0 x 11.0]
50.0
0.26
47.0
517D476M6R3JA6AE3
0.197 x 0.433 [5.0 x 11.0]
65.0
0.26
100.0
517D107M6R3JA6AE3
0.197 x 0.433 [5.0 x 11.0]
100.0
0.26
220.0
517D227M6R3AA6AE3
0.248 x 0.433 [6.3 x 11.0]
165.0
0.26
330.0
517D337M6R3AA6AE3
0.248 x 0.433 [6.3 x 11.0]
200.0
0.26
470.0
517D477M6R3BB6AE3
0.315 x 0.453 [8.0 x 11.5]
280.0
0.26
1000.0
517D108M6R3CC6AE3
0.394 x 0.492 [10.0 x 12.5]
470.0
0.26
2200.0
517D228M6R3DG6AE3
0.492 x 0.787 [12.5 x 20.0]
930.0
0.26
3300.0
517D338M6R3DG6AE3
0.492 x 0.787 [12.5 x 20.0]
1100.0
0.26
4700.0
517D478M6R3EK6AE3
0.630 x 0.984 [16.0 x 25.0]
1320.0
0.26
6800.0
517D688M6R3EK6AE3
0.630 x 0.984 [16.0 x 25.0]
1490.0
0.26
10 000.0
517D109M6R3EN6AE3
0.630 x 1.240 [16.0 x 31.5]
1830.0
0.26
15 000.0
517D159M6R3FR6AE3
0.709 x 1.398 [18.0 x 35.5]
2280.0
0.26
10 WVDC at + 105 °C, SURGE = 13 V
22.0
517D226M010JA6AE3
0.197 x 0.433 [5.0 x 11.0]
45.0
0.22
33.0
517D336M010JA6AE3
0.197 x 0.433 [5.0 x 11.0]
60.0
0.22
47.0
517D476M010JA6AE3
0.197 x 0.433 [5.0 x 11.0]
75.0
0.22
100.0
517D107M010JA6AE3
0.197 x 0.433 [5.0 x 11.0]
110.0
0.22
220.0
517D227M010AA6AE3
0.248 x 0.433 [6.3 x 11.0]
180.0
0.22
330.0
517D337M010BB6AE3
0.315 x 0.453 [8.0 x 11.5]
255.0
0.22
470.0
517D477M010BB6AE3
0.315 x 0.453 [8.0 x 11.5]
305.0
0.22
1000.0
517D108M010CD6AE3
0.394 x 0.630 [10.0 x 16.0]
570.0
0.22
2200.0
517D228M010DG6AE3
0.492 x 0.787 [12.5 x 20.0]
1010.0
0.22
3300.0
517D338M010DK6AE3
0.492 x 0.984 [12.5 x 25.0]
1220.0
0.22
4700.0
517D478M010EK6AE3
0.630 x 0.984 [16.0 x 25.0]
1410.0
0.22
6800.0
517D688M010EN6AE3
0.630 x 1.240 [16.0 x 31.5]
1610.0
0.22
10 000.0
517D109M010FR6AE3
0.709 x 1.398 [18.0 x 35.5]
1980.0
0.22
15 000.0
517D159M010FV6AE3
0.709 x 1.575 [18.0 x 40.0]
2470.0
0.22


Similar Part No. - 517D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D105M050JA6AE3 VISHAY-517D105M050JA6AE3 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D105M100JA6AE3 VISHAY-517D105M100JA6AE3 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D105M160AA6AE3 VISHAY-517D105M160AA6AE3 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D105M200AA6AE3 VISHAY-517D105M200AA6AE3 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 517D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
511D VISHAY-511D Datasheet
268Kb / 6P
   Aluminum Capacitors General Purpose, Miniature, Radial Lead
Revision: 22-Jul-08
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M_13 Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com