Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

517D Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. 517D
Description  Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

517D Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 42053
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 07-Nov-06
345
517D
Aluminum Capacitors
+ 105 °C, General Purpose Miniature, Radial Lead
Vishay Sprague
16 WVDC at + 105 °C, SURGE = 20 V
10.0
517D106M016JA6AE3
0.197 x 0.433 [5.0 x 11.0]
35.0
0.18
22.0
517D226M016JA6AE3
0.197 x 0.433 [5.0 x 11.0]
55.0
0.18
33.0
517D336M016JA6AE3
0.197 x 0.433 [5.0 x 11.0]
70.0
0.18
47.0
517D476M016JA6AE3
0.197 x 0.433 [5.0 x 11.0]
85.0
0.18
100.0
517D107M016AA6AE3
0.248 x 0.433 [6.3 x 11.0]
135.0
0.18
220.0
517D227M016BB6AE3
0.315 x 0.453 [8.0 x 11.5]
235.0
0.18
330.0
517D337M016BB6AE3
0.315 x 0.453 [8.0 x 11.5]
285.0
0.18
470.0
517D477M016CC6AE3
0.394 x .0492 [10.0 x 12.5]
395.0
0.18
1000.0
517D108M016CG6AE3
0.394 x 0.787 [10.0 x 20.0]
700.0
0.18
2200.0
517D228M016DK6AE3
0.492 x 0.984 [12.5 x 25.0]
1150.0
0.18
3300.0
517D338M016EK6AE3
0.630 x 0.984 [16.0 x 25.0]
1350.0
0.18
4700.0
517D478M016EN6AE3
0.630 x 1.240 [16.0 x 31.5]
1560.0
0.18
6800.0
517D688M016FR6AE3
0.709 x 1.398 [18.0 x 35.5]
1750.0
0.18
10 000.0
517D109M016FV6AE3
0.709 x 1.575 [18.0 x 40.0]
2170.0
0.18
25 WVDC at + 105 °C, SURGE = 32V
4.7
517D475M025JA6AE3
0.197 x .0433 [5.0 x 11.0]
24.0
0.16
10.0
517D106M025JA6AE3
0.197 x 0.433 [5.0 x 11.0]
39.0
0.16
22.0
517D226M025JA6AE3
0.197 x 0.433 [5.0 x 11.0]
60.0
0.16
33.0
517D336M025JA6AE3
0.197 x 0.433 [5.0 x 11.0]
75.0
0.16
47.0
517D476M025JA6AE3
0.197 x 0.433 [5.0 x 11.0]
90.0
0.16
100.0
517D107M025AA6AE3
0.248 x 0.433 [6.3 x 11.0]
145.0
0.16
220.0
517D227M025BB6AE3
0.315 x 0.453 [8.0 x 11.5]
250.0
0.16
330.0
517D337M025CC6AE3
0.394 x 0.492 [10.0 x 12.5]
355.0
0.16
470.0
517D477M025CD6AE3
0.394 x 0.630 [10.0 x 16.0]
470.0
0.16
1000.0
517D108M025DG6AE3
0.492 x 0.787 [12.5 x 20.0]
855.0
0.16
2200.0
517D228M025EK6AE3
0.630 x 0.984 [16.0 x 25.0]
1230.0
0.16
3300.0
517D338M025EN6AE3
0.630 x 1.240 [16.0 x 31.5]
1450.0
0.16
4700.0
517D478M025FR6AE3
0.709 x 1.398 [18.0 x 35.5]
1660.0
0.16
35 WVDC at + 105 °C, SURGE = 44 V
4.7
517D475M035JA6AE3
0.197 x 0.433 [5.0 x 11.0]
27.0
0.13
10.0
517D106M035JA6AE3
0.197 x 0.433 [5.0 x 11.0]
44.0
0.13
22.0
517D226M035JA6AE3
0.197 x 0.433 [5.0 x 11.0]
65.0
0.13
33.0
517D336M035JA6AE3
0.197 x 0.433 [5.0 x 11.0]
85.0
0.13
47.0
517D476M035AA6AE3
0.248 x 0.433 [6.3 x 11.0]
115.0
0.13
100.0
517D107M035BB6AE3
0.315 x 0.453 [8.0 x 11.5]
190.0
0.13
220.0
517D227M035CC6AE3
0.394 x 0.492 [10.0 x 12.5]
325.0
0.13
330.0
517D337M035CD6AE3
0.394 x 0.630 [10.0 x 16.0]
440.0
0.13
470.0
517D477M035CG6AE3
0.394 x 0.787 [10.0 x 20.0]
580.0
0.13
1000.0
517D108M035DK6AE3
0.492 x 0.984 [12.5 x 25.0]
995.0
0.13
2200.0
517D228M035EN6AE3
0.630 x 1.240 [16.0 x 31.5]
1450.0
0.13
3300.0
517D338M035FR6AE3
0.709 x 1.398 [18.0 x 35.5]
1660.0
0.13
4700.0
517D478M035FV6AE3
0.709 x 1.575 [18.0 x 40.0]
2030.0
0.13
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
Max. RIPPLE
at + 105 °C
120 Hz (mA)
Max. DF
at + 20 °C
120 Hz


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn