Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2630-LM10 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2630-LM10
Description  Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2630-LM10 Datasheet(HTML) 4 Page - Linear Technology

  LTC2630-LM10 Datasheet HTML 1Page - Linear Technology LTC2630-LM10 Datasheet HTML 2Page - Linear Technology LTC2630-LM10 Datasheet HTML 3Page - Linear Technology LTC2630-LM10 Datasheet HTML 4Page - Linear Technology LTC2630-LM10 Datasheet HTML 5Page - Linear Technology LTC2630-LM10 Datasheet HTML 6Page - Linear Technology LTC2630-LM10 Datasheet HTML 7Page - Linear Technology LTC2630-LM10 Datasheet HTML 8Page - Linear Technology LTC2630-LM10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2630
4
2630f
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
LTC2630-8
LTC2630-10
LTC2630-12
LTC2630A-12
UNITS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP
MAX
DC Performance
Resolution
8
10
12
12
Bits
Monotonicity
VCC = 3V, Internal Ref. (Note 2)
8
10
12
12
Bits
DNL
Differential Nonlinearity VCC = 3V, Internal Ref. (Note 2)
±0.5
±0.5
±1
±1
LSB
INL
Integral Nonlinearity
VCC = 3V, Internal Ref. (Note 2)
±0.05 ±0.5
±0.2
±1
±1
±2
±0.5
±1
LSB
ZSE
Zero Scale Error
VCC = 3V, Internal Ref., Code = 0
0.5
5
0.5
5
0.5
5
0.5
5
mV
VOS
Offset Error
VCC = 3V, Internal Ref. (Note 3)
±0.5
±5
±0.5
±5
±0.5
±5
±0.5
±5
mV
VOSTC
VOS Temperature
Coefficient
VCC = 3V, Internal Ref. (Note 3)
±10
±10
±10
±10
μV/°C
FSE
Full Scale Error
VCC = 3V, Internal Ref.
±0.2 ±0.8
±0.2 ±0.8
±0.2 ±0.8
±0.2
±0.8
%FSR
VFSTC
Full Scale Voltage
Temperature
Coefficient
VCC = 3V, Internal Ref. (Note 8)
C-Grade
I-Grade
H-Grade
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
ppm/°C
ppm/°C
ppm/°C
Load Regulation
VCC = 3V ±10% or 5V ±10%,
Internal Ref., Midscale,
–5mA ≤ IOUT ≤ 5mA
0.008 0.016
0.03 0.064
0.13 0.256
0.13
0.256
LSB/
mA
ROUT
DC Output Impedance VCC = 3V ±10% or 5V ±10%,
Internal Ref., Midscale,
–5mA ≤ IOUT ≤ 5mA
0.08 0.156
0.08 0.156
0.08 0.156
0.08
0.156
Ω
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2630-LM12/-LM10/-LM8/-LZ12/-LZ10/-LZ8, LTC2630A-LM12/-LZ12 (VFS = 2.5V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
DAC Output Span
Supply as Reference
Internal Reference
0V to VCC
0V to 2.5
V
V
PSR
Power Supply Rejection
VCC = 3V ±10% or 5V ±10%
–80
dB
ISC
Short Circuit Output Current (Note 4)
Sinking
Sourcing
VFS = VCC = 5.5V
Zero Scale; VOUT Shorted to VCC
Full Scale; VOUT Shorted to GND
27
–28
50
–50
mA
mA
Power Supply
VCC
Power Supply Voltage
For Specified Performance
2.7
5.5
V
ICC
Supply Current (Note 5)
Midscale
VCC = 3V, Supply as Reference
VCC = 3V, Internal Reference
VCC = 5V, Supply as Reference
VCC = 5V, Internal Reference
160
180
180
190
220
240
250
260
μA
μA
μA
μA
ISD
Supply Current in Shutdown Mode (Note 5) VCC = 5V, C-Grade, I-Grade
VCC = 5V, H-Grade
0.36
0.36
1.5
3
μA
μA
Digital I/O
VIH
Digital Input High Voltage
VCC = 3.6V to 5.5V
VCC = 2.7V to 3.6V
2.4
2.0
V
V
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
VCC = 2.7V to 4.5V
0.8
0.6
V
V
ILK
Digital Input Leakage
VIN = GND to VCC
±1
μA
CIN
Digital Input Capacitance
(Note 6)
2.5
pF


Similar Part No. - LTC2630-LM10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2630 LINER-LTC2630 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2630 LINER-LTC2630 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2630-LM10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630_15 Datasheet
365Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs with 10ppm/C Reference in SC70
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com