Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8380 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8380
Description  Control circuit for switched mode power supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8380 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8380 Datasheet HTML 7Page - NXP Semiconductors TDA8380 Datasheet HTML 8Page - NXP Semiconductors TDA8380 Datasheet HTML 9Page - NXP Semiconductors TDA8380 Datasheet HTML 10Page - NXP Semiconductors TDA8380 Datasheet HTML 11Page - NXP Semiconductors TDA8380 Datasheet HTML 12Page - NXP Semiconductors TDA8380 Datasheet HTML 13Page - NXP Semiconductors TDA8380 Datasheet HTML 14Page - NXP Semiconductors TDA8380 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
November 1993
11
Philips Semiconductors
Product specification
Control circuit for switched mode power supplies
TDA8380A
Slow-start circuit
A slow-start occurs:
• At Switch-on of the SMPS
• After a current trip as described in the section Over-current protection
• After a low or high VCC trip.
The capacitor at the SS input is discharged and the slow-start bistable is reset when the voltage at the SS input falls
below 0.5 V after which the circuit is ready for a slow-start. The dead time (during which the capacitor at the SS input is
being charged to the 1.4 V lower level of the sawtooth) before duty cycle regulation starts is minimal. The SS input can
also be used for Dmax setting by connecting a resistor to ground. The voltage across this resistor is then limited to
1/6
× Vref × R12/R6.
Output stages
The output stage consists of two NPN darlington transistors, their collector and emitter connected to separate pins (see
Fig.13). The top transistor is capable of sourcing a maximum of 0.75 A to the high-voltage transistor while the bottom
transistor can sink peak currents up to 2.5 A.
For low currents up to 10 mA, the saturation voltage of the sink darlington transistor is similar to that of a single transistor
(see Fig.11). During switching of this transistor dV/dt is internally limited to reduce interference.
Care should be taken with the external wiring of the output pins to avoid oscillation or interference due to parasitic
inductance and wire resistance.
During start-up a small current flows from VCC to E2 to precharge the series capacitor at the output (see Fig.13).
Fig.10 Current protection.


Similar Part No. - TDA8380

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8385 PHILIPS-TDA8385 Datasheet
199Kb / 21P
   Control circuit for a Self-Oscillating Power Supply SOPS
March 1994
More results

Similar Description - TDA8380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com