Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2630ACSC6-LZ12TRMPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2630ACSC6-LZ12TRMPBF
Description  Single 12-/10-/8-Bit Rail-to-Rail DACs with Integrated Reference in SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2630ACSC6-LZ12TRMPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2630ACSC6-LZ12TRMPBF Datasheet HTML 7Page - Linear Technology LTC2630ACSC6-LZ12TRMPBF Datasheet HTML 8Page - Linear Technology LTC2630ACSC6-LZ12TRMPBF Datasheet HTML 9Page - Linear Technology LTC2630ACSC6-LZ12TRMPBF Datasheet HTML 10Page - Linear Technology LTC2630ACSC6-LZ12TRMPBF Datasheet HTML 11Page - Linear Technology LTC2630ACSC6-LZ12TRMPBF Datasheet HTML 12Page - Linear Technology LTC2630ACSC6-LZ12TRMPBF Datasheet HTML 13Page - Linear Technology LTC2630ACSC6-LZ12TRMPBF Datasheet HTML 14Page - Linear Technology LTC2630ACSC6-LZ12TRMPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2630
11
2630f
2
µs/DIV
0.5V/DIV
2630 G22
VFS = VCC = 5V
1/4 SCALE TO 3/4 SCALE
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2630
Large-Signal Response
IOUT (mA)
0
1
23
4
567
8
2.5
2.0
3.5
3.0
4.0
2630 G25
1.5
1.0
0.5
0
5.0
4.5
5V SOURCING
3V (LTC2630-L) SOURCING
3V (LTC2630-L) SINKING
5V SINKING
Headroom at Rails vs Output
Current
Noise Voltage vs Frequency
0.1Hz to 10Hz Voltage Noise
1s/DIV
10
µV/DIV
2630 G27
VCC = 4V, VFS = 2.5V
CODE = MIDSCALE
LOGIC VOLTAGE (V)
01
2
3
4
5
0.4
0.6
0.8
2630 G29
0.2
0
1.0
VCC = 5V
VCC = 3V
(LTC2630-L)
SWEEP SCK, SDI, CS/LD
BETWEEN 0V AND VCC
Supply Current vs Logic Voltage
2
µs/DIV
LTC2630-H12, VCC = 5V:
2.4nV-s TYP
LTC2630-L12, VCC = 3V:
2.0nV-s TYP
VOUT
5mV/DIV
2630 G23
CS/LD
5V/DIV
INTERNAL REF
Midscale-Glitch Impulse
Power-On Reset Glitch
200
µs/DIV
VCC
2V/DIV
2630 G24
LTC2630-L
VOUT
2mV/DIV
ZERO-SCALE
FREQUENCY (Hz)
100
200
300
1M
2630 G26
100
0
1k
10k
100k
500
400
CODE = MIDSCALE
LTC2630-H
(VCC = 5V)
LTC2630-L
(VCC = 4V)
Exiting Power-Down to Midscale
4
µs/DIV
2630 G28
LTC2630-H
CS/LD
2V/DIV
VOUT
0.5V/DIV


Similar Part No. - LTC2630ACSC6-LZ12TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2630 LINER-LTC2630 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
416Kb / 24P
   16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
LTC2630 LINER-LTC2630 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2630 LINER-LTC2630 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2630ACSC6-LZ12TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2630 LINER-LTC2630_15 Datasheet
365Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs with 10ppm/C Reference in SC70
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com