Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CD269PH Datasheet(PDF) 2 Page - Jianghai Europe GmbH

Part No. CD269PH
Description  EC Radial 125°C 4.000h Liftetime High Reliability at High Temperature(Radial)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JIANGHAI [Jianghai Europe GmbH]
Homepage  http://www.jianghai-europe.com
Logo 

CD269PH Datasheet(HTML) 2 Page - Jianghai Europe GmbH

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
CD
269 PH Series
Ratings for CD 269 PH Series
V
DC
(Surge
Voltage)
Code
Rated
Capacitance
Max ESR
20°C, 120Hz
Max Imp
20°C, 100kHz
Max Imp
-10°C, 100kHz
Max
Ripple
Current
125°C, 100kHz
Size
Ø D x L
(V)
(µF)
(Ω)
(Ω)
(Ω)
(mArms)
(mm)
10
(13)
1A
330
0,80
0,33
0,66
340
8 x 11,5
470
0,57
0,24
0,48
500
10 x 12,5
1 000
0,27
0,12
0,24
770
10 x 20
2 200
0,14
0,061
0,13
1 250
12,5 x 25
3 300
0,10
0,050
0,10
1 380
16 x 25
16
(20)
1C
220
0,97
0,33
0,66
340
8 x 11,5
330
0,65
0,24
0,48
500
10 x 12,5
470
0,46
0,20
0,40
630
10 x 16
1 000
0,22
0,077
0,16
920
12,5 x 20
2 200
0,11
0,050
0,10
1 380
16 x 25
25
(32)
1E
220
0,85
0,23
0,46
480
8 x 16
330
0,57
0,20
0,40
630
10 x 16
470
0,40
0,12
0,24
770
10 x 20
1 000
0,19
0,061
0,13
1 250
12,5 x 25
35
(44)
1V
100
1,60
0,33
0,66
340
8 x 11,5
220
0,73
0,20
0,40
630
10 x 16
330
0,49
0,12
0,24
770
10 x 20
470
0,34
0,077
0,16
920
12,5 x 20
1 000
0,16
0,050
0,10
1 380
16 x 25
50
(63)
1H
100
1,33
0,36
0,72
420
10 x 12,5
220
0,61
0,20
0,40
655
10 x 20
330
0,41
0,12
0,24
780
12,5 x 20
470
0,29
0,10
0,20
1 060
12,5 x 25
63
(79)
1J
47
2,55
0,68
2,1
245
8 x 11,5
100
1,20
0,38
1,2
425
10 x 16
220
0,55
0,18
0,54
665
12,5 x 20
330
0,37
0,14
0,42
900
12,5 x 25
C = actual capacitance of each temperature at 100Hz
Co = Capacitance at 20°C, 100Hz
Capacitance Ratio as a function of temperature (typical curve)
Capacitance Ratio
- 40
- 25
- 10
20
55
85
105
125
25V 1 000µF
T (°C)
1.20
1.10
1.00
0.90
0.80
0.70
0.60
Z = actual Impedance of each frequency at 20°C
Zo = Impedance at 100kHz, 20°C
Impedance Ratio as a function of frequency
Impedance Ratio
100
1 000
10 000
100 000
f (Hz)
100
10
1.0
0.1
16V 2 200µF
63V 2 20µF
Custom products are available on request.
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com
v2006.2


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn