Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DLE-032-016 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part No. DLE-032-016
Description  5.0mm Round Type LED Lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-032-016 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  DLE-032-016 Datasheet HTML 1Page - Everlight Electronics Co., Ltd DLE-032-016 Datasheet HTML 2Page - Everlight Electronics Co., Ltd DLE-032-016 Datasheet HTML 3Page - Everlight Electronics Co., Ltd DLE-032-016 Datasheet HTML 4Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number :
DLE-032-016
REV:
2.0
5.0mm Round Type LED Lamps
MODEL NO :
323HD
ECN :
Page:
3/4
Typical Electro-Optical Characteristic Curres


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
333-2SURC 5.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
204-10USOC 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
3294-15SURC Technical Data Sheet 3.0mm Round Type LED Lamps 1  2  3  4  5  More Everlight Electronics Co., Ltd
DLE-031-007 4.7mm Round Type LED Lamps 1  2  3  4  Everlight Electronics Co., Ltd
AP3216SGC 3.2x1.6mm SMD CHIP LED LAMPS 1  2  3  4  5  Kingbright Corporation
LC374TWR1-35Q-A1 3-mm Round LED 1  2  3  4  5  More Cree, Inc
LC503TWN1-50P-A1 5-mm Round LED 1  2  3  4  5  More Cree, Inc
AAA5060SEEVGAPBEC 5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP 1  2  3  4  5  More Kingbright Corporation
AM23SRD-F SOT-23 SURFACE MOUNT LED LAMPS 1  2  3  4  Kingbright Corporation
SEL2010 3phi Round Standard LED 1  Sanken electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn