Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61-25UTC Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 61-25UTC
Description  Luminosity white Color LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

61-25UTC Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  61-25UTC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 61-25UTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 61-25UTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 61-25UTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 61-25UTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 61-25UTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 61-25UTC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 61-25UTC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 61-25UTC Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 2 of 10
Device No.: DSE-613-057
Prepared date:4-Aug-2005
Prepared by: Ray Yuan
61-25UTC/S400-A6/TR8
Package Outline Dimensions
Notes: 1.All dimensions are in millimeters.
2.Tolerances unspecified are ±0.1mm.


Similar Part No. - 61-25UTC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
61-25UWC/S400-A6/TR8 EVERLIGHT-61-25UWC/S400-A6/TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
More results

Similar Description - 61-25UTC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
69-23BUMD-TR8 EVERLIGHT-69-23BUMD-TR8 Datasheet
239Kb / 11P
   Luminosity white Color LED
59-146UTD-TR8 EVERLIGHT-59-146UTD-TR8 Datasheet
142Kb / 10P
   Luminosity white Color LED
59-14UWD EVERLIGHT-59-14UWD Datasheet
162Kb / 10P
   Luminosity white Color LED
59-23UWD EVERLIGHT-59-23UWD Datasheet
159Kb / 10P
   Luminosity white Color LED
59-146UWD EVERLIGHT-59-146UWD Datasheet
190Kb / 10P
   Luminosity white Color LED
67-235UWC-TR8 EVERLIGHT-67-235UWC-TR8_09 Datasheet
251Kb / 11P
   Luminosity white Color LED
59-14UWD-TR8 EVERLIGHT-59-14UWD-TR8 Datasheet
162Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com