Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8366 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 24Page - NXP Semiconductors TDA8366 Datasheet HTML 25Page - NXP Semiconductors TDA8366 Datasheet HTML 26Page - NXP Semiconductors TDA8366 Datasheet HTML 27Page - NXP Semiconductors TDA8366 Datasheet HTML 28Page - NXP Semiconductors TDA8366 Datasheet HTML 29Page - NXP Semiconductors TDA8366 Datasheet HTML 30Page - NXP Semiconductors TDA8366 Datasheet HTML 31Page - NXP Semiconductors TDA8366 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
January 1995
28
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
RGB AMPLIFIERS (CONTINUED)
CRbl
control range of the
black-current stabilization
nominal brightness and
white-point adjustment (with
respect to the measuring
pulse); Vblk = 2.5 V
−−±1V
Vbl
black level shift with picture
content
note 6
−−
20
mV
Vo
output voltage of the 4-L pulse
after switch-on
4.2
V
∆bl/∆T
variation of black level with
temperature
note 6
1.0
mV/K
∆bl
relative variation in black level
between the three channels
during variations of
note 6
supply voltage (
±10%)
nominal controls
−−
tbf
mV
saturation (50 dB)
nominal contrast
−−
tbf
mV
contrast (20 dB)
nominal saturation
−−
tbf
mV
brightness (
±0.5 V)
nominal controls
−−
tbf
mV
temperature (range 40
°C)
−−
tbf
mV
S/N
signal-to-noise ratio of the
output signals
RGB input; note 29
60
−−
dB
CVBS input; note 29
50
−−
dB
Vres(p-p)
residual voltage at the RGB
outputs (peak-to-peak value)
at fosc
−−
15
mV
at 2fosc plus higher
harmonics in RGB outputs
−−
15
mV
B
bandwidth of output signals
RGB input; at
−3dB
8
−−
MHz
CVBS input; at
−3 dB;
fosc = 3.58 MHz
2.8
MHz
CVBS input; at
−3 dB;
fosc = 4.43 MHz
3.5
MHz
S-VHS input; at
−3dB
5
−−
MHz
WHITE-POINT ADJUSTMENT
I2C-bus setting for nominal gain
HEX code
20H
Ginc(max)
maximum increase of the gain
HEX code 3FH
40
50
60
%
Gdec(max)
maximum decrease of the gain
HEX code 00H
40
50
60
%
BLACK-CURRENT STABILIZATION (PIN 16); note 30
Ibias
bias current for the picture tube
cathode
10
−µA
Ileak
acceptable leakage current
100
−µA
Iscan(max)
maximum current during scan
0.3
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA8366

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
TDA8361 PHILIPS-TDA8361 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
TDA8362 PHILIPS-TDA8362 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
More results

Similar Description - TDA8366

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2116A STMICROELECTRONICS-STV2116A Datasheet
235Kb / 24P
   BUS CONTROLLED PAL/NTSC TV PROCESSOR
STV2216 STMICROELECTRONICS-STV2216 Datasheet
259Kb / 26P
   BUS CONTROLLED NTSC/PAL TV PROCESSOR
logo
NXP Semiconductors
TDA8376 PHILIPS-TDA8376 Datasheet
249Kb / 44P
   I2C-bus controlled PAL/NTSC TV processors
1996 Jan 26
logo
STMicroelectronics
STV2118B STMICROELECTRONICS-STV2118B Datasheet
233Kb / 25P
   BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
logo
NXP Semiconductors
TDA884X PHILIPS-TDA884X Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
logo
STMicroelectronics
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
   BUS-CONTROLLED PAL/SECAM TV PROCESSOR
logo
Mitsubishi Electric Sem...
M52771ASP MITSUBISHI-M52771ASP Datasheet
84Kb / 4P
   NTSC / PAL TV SIGNAL PROCESSOR
M52770SP MITSUBISHI-M52770SP Datasheet
77Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
M52770ASP MITSUBISHI-M52770ASP Datasheet
178Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com