Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1029EPA Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1029EPA
Description  Linear Building Block - Dual Low Power Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1029EPA Datasheet(HTML) 4 Page - Microchip Technology

  TC1029EPA Datasheet HTML 1Page - Microchip Technology TC1029EPA Datasheet HTML 2Page - Microchip Technology TC1029EPA Datasheet HTML 3Page - Microchip Technology TC1029EPA Datasheet HTML 4Page - Microchip Technology TC1029EPA Datasheet HTML 5Page - Microchip Technology TC1029EPA Datasheet HTML 6Page - Microchip Technology TC1029EPA Datasheet HTML 7Page - Microchip Technology TC1029EPA Datasheet HTML 8Page - Microchip Technology TC1029EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1029
DS21340B-page 4
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1029 is one of a series of very low power, linear
building block products for low voltage single supply
operations. The TC1029 contains two rail to rail op
amps which operate down to 1.8V with a maximum
supply current of 16
µA. The amplifier's input range
extends beyond both supplies by 200mV and the
outputs will swing to within several millivolts of the
supplies, depending on the load current being driven.
The amplifier design is such that large signal gain, slew
rate and bandwidth are largely independent of supply
voltage. The low input bias current and offset voltage of
the TC1029 make it suitable for precision applications.
4.0
TYPICAL APPLICATIONS
The TC1029 lends itself to a wide variety of
applications, particularly in battery powered systems. It
typically finds application in power management,
processor supervisory and interface circuitry.
4.1
Voice Band Receive Filter
The majority of spectral energy for human voices is
found to be in a 2.7kHz frequency band from 300Hz to
3kHz. To properly recover a voice signal in applications
such as radios, cellular phones and voice pagers, a low
power bandpass filter matched to the human voice
spectrum can be implemented, using Microchip’s
CMOS op amps. Figure 4-1 shows a unity gain multi-
pole Butterworth filter with ripple less than 0.15dB in
the human voice band. The lower 3 dB cut-off
frequency is 70Hz (single order response), while the
upper cut-off frequency is 3.5kHz (fourth order
response).
4.2
Supervisory Audio Tone (SAT)
Filter for Cellular
Supervisory Audio Tones (SAT) provide a reliable
transmission path between cellular subscriber units
and base stations. The SAT tone functions much like
the current/voltage used in land line telephone systems
to indicate that a phone is off the hook. The SAT tone
may be one of three frequencies: 5970, 6000 or
6030Hz. A loss of SAT implies that channel conditions
are impaired and if SAT is interrupted for more than 5
seconds a cellular call is terminated.
Figure 4-2 shows high Q (30) second order SAT
detection bandpass filter using Microchip’s CMOS op
amp architecture. This circuit nulls all frequencies
except the three SAT tones of interest.


Similar Part No. - TC1029EPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1029EPA TELCOM-TC1029EPA Datasheet
25Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
More results

Similar Description - TC1029EPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
TC1030 TELCOM-TC1030 Datasheet
27Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER OP AMP
logo
Microchip Technology
TC1030 MICROCHIP-TC1030 Datasheet
469Kb / 14P
   Linear Building Block . Quad Low Power Op Amp with Shutdown Modes
2002
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
   Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
logo
Microchip Technology
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
   Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
   Linear Building Block - Dual Low Power Comparator
2005
logo
TelCom Semiconductor, I...
TC43 TELCOM-TC43 Datasheet
75Kb / 6P
   LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
   Low Power Dual OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com