Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3001 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP3001_07 Datasheet HTML 2Page - Microchip Technology MCP3001_07 Datasheet HTML 3Page - Microchip Technology MCP3001_07 Datasheet HTML 4Page - Microchip Technology MCP3001_07 Datasheet HTML 5Page - Microchip Technology MCP3001_07 Datasheet HTML 6Page - Microchip Technology MCP3001_07 Datasheet HTML 7Page - Microchip Technology MCP3001_07 Datasheet HTML 8Page - Microchip Technology MCP3001_07 Datasheet HTML 9Page - Microchip Technology MCP3001_07 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MCP3001
DS21293C-page 6
© 2007 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CHARACTERISTICS
Note: Unless otherwise indicated, V
DD = VREF = 5V, fSAMPLE = 200 ksps, fCLK = 14*Sample Rate, TA = 25°C
FIGURE 2-1:
Integral Nonlinearity (INL) vs. Sample
Rate.
FIGURE 2-2:
Integral Nonlinearity (INL) vs. V
REF.
FIGURE 2-3:
Integral Nonlinearity (INL) vs. Code
(Representative Part).
FIGURE 2-4:
Integral Nonlinearity (INL) vs. Sample
Rate (V
DD = 2.7V).
FIGURE 2-5:
Integral Nonlinearity (INL) vs. V
REF
(V
DD = 2.7V).
FIGURE 2-6:
Integral Nonlinearity (INL) vs. Code
(Representative Part, V
DD = 2.7V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0
25
50
75 100 125 150 175 200 225 250
Sample Rate (ksps)
Positive INL
Negative INL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
01
23
4
5
6
VREF (V)
Positive INL
Negative INL
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
128
256
384
512
640
768
896
1024
Digital Code
VDD = VREF = 5V
fSAMPLE = 200 ksps
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0
25
50
75
100
Sample Rate (ksps)
Positive INL
Negative INL
VDD = VREF = 2.7V
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VREF (V)
Positive INL
Negative INL
VDD = VREF= 2.7V
fSAMPLE = 75 ksps
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
0.50
0
128
256
384
512
640
768
896
1024
Digital Code
VDD = VREF = 2.7V
fSAMPLE = 75 ksps


Similar Part No. - MCP3001_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3001 MICROCHIP-MCP3001 Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
More results

Similar Description - MCP3001_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com