Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3001 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3001
Description  2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3001 Datasheet(HTML) 3 Page - Microchip Technology

  MCP3001_07 Datasheet HTML 1Page - Microchip Technology MCP3001_07 Datasheet HTML 2Page - Microchip Technology MCP3001_07 Datasheet HTML 3Page - Microchip Technology MCP3001_07 Datasheet HTML 4Page - Microchip Technology MCP3001_07 Datasheet HTML 5Page - Microchip Technology MCP3001_07 Datasheet HTML 6Page - Microchip Technology MCP3001_07 Datasheet HTML 7Page - Microchip Technology MCP3001_07 Datasheet HTML 8Page - Microchip Technology MCP3001_07 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2007 Microchip Technology Inc.
DS21293C-page 3
MCP3001
Temperature Ranges:
Specified Temperature Range
T
A
-40
+85
°C
Operating Temperature Range
T
A
-40
+85
°C
Storage Temperature Range
T
A
-65
+150
°C
Thermal Package Resistance:
Thermal Resistance, 8L-PDIP
θ
JA
—85
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—163
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
—206
°C/W
Thermal Resistance, 8L-TSSOP
θ
JA
——
°C/W
Analog Inputs:
Input Voltage Range (IN+)
IN+
IN-
V
REF+IN-
V
Input Voltage Range (IN-)
IN-
V
SS-100
V
SS+100
mV
Leakage Current
0.001
±1
µA
Switch Resistance
R
SS
—1K
Ω
See Figure 4-1
Sample Capacitor
C
SAMPLE
20
pF
See Figure 4-1
Digital Input/Output:
Data Coding Format
Straight Binary
High Level Input Voltage
V
IH
0.7 V
DD
——
V
Low Level Input Voltage
V
IL
——
0.3 V
DD
V
High Level Output Voltage
V
OH
4.1
V
I
OH = -1 mA, VDD = 4.5V
Low Level Output Voltage
V
OL
——
0.4
V
I
OL = 1 mA, VDD = 4.5V
Input Leakage Current
I
LI
-10
10
µA
V
IN = VSS or VDD
Output Leakage Current
I
LO
-10
10
µA
V
OUT = VSS or VDD
Pin Capacitance
(all inputs/outputs)
C
IN, COUT
10
pF
V
DD = 5.0V (Note 1)
T
AMB = 25 °C, f = 1 MHz
Timing Parameters:
Clock Frequency
f
CLK
——
2.8
1.05
MHz
MHz
V
DD = 5V (Note 3)
V
DD = 2.7V (Note 3)
Clock High Time
t
HI
160
ns
Clock Low Time
t
LO
160
ns
CS Fall To First Rising CLK Edge
t
SUCS
100
ns
CLK Fall To Output Data Valid
t
DO
125
200
ns
ns
V
DD = 5V, See Figure 1-2
V
DD = 2.7, See Figure 1-2
CLK Fall To Output Enable
t
EN
125
200
ns
ns
V
DD = 5V, See Figure 1-2
V
DD = 2.7, See Figure 1-2
CS Rise To Output Disable
t
DIS
100
ns
See test circuits, Figure 1-2
(Note 1)
CS Disable Time
t
CSH
350
ns
D
OUT Rise Time
tR
100
ns
See test circuits, Figure 1-2
(Note 1)
D
OUT Fall Time
tF
100
ns
See test circuits, Figure 1-2
(Note 1)
All parameters apply at V
DD = 5V, VSS = 0V, VREF = 5V, TAMB = -40°C to +85 °C, fSAMPLE = 200 ksps and fCLK = 14*fSAMPLE,
unless otherwise noted. Typical values apply for V
DD = 5V, TAMB =25 °C, unless otherwise noted.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Note 1: This parameter is guaranteed by characterization and not 100% tested.
2: See graph that relates linearity performance to V
REF level.
3: Because the sample cap will eventually lose charge, clock rates below 10 kHz can affect linearity perfor-
mance, especially at elevated temperatures.


Similar Part No. - MCP3001_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3001 MICROCHIP-MCP3001 Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
More results

Similar Description - MCP3001_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com