Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8357J Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8357J
Description  Full bridge vertical deflection output circuit in LVDMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8357J Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8357J Datasheet HTML 1Page - NXP Semiconductors TDA8357J Datasheet HTML 2Page - NXP Semiconductors TDA8357J Datasheet HTML 3Page - NXP Semiconductors TDA8357J Datasheet HTML 4Page - NXP Semiconductors TDA8357J Datasheet HTML 5Page - NXP Semiconductors TDA8357J Datasheet HTML 6Page - NXP Semiconductors TDA8357J Datasheet HTML 7Page - NXP Semiconductors TDA8357J Datasheet HTML 8Page - NXP Semiconductors TDA8357J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Nov 10
2
Philips Semiconductors
Preliminary specification
Full bridge vertical deflection output circuit
in LVDMOS
TDA8357J
FEATURES
• Few external components required
• High efficiency fully DC coupled vertical bridge output
circuit
• Vertical flyback switch with short rise and fall times
• Built-in guard circuit
• Thermal protection circuit
• Improved EMC performance due to differential inputs.
GENERAL DESCRIPTION
The TDA8357J is a power circuit for use in 90
° and 110°
colour deflection systems for 25 to 200 Hz field
frequencies, and for 4 : 3 and 16 : 9 picture tubes. The IC
contains a vertical deflection output circuit, operating as a
high efficiency class G system. The full bridge output
circuit allows DC coupling of the deflection coil in
combination with single positive supply voltages.
The IC is constructed in a Low Voltage DMOS (LVDMOS)
process that combines bipolar, CMOS and DMOS
devices. DMOS transistors are used in the output stage
because of absence of second breakdown.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage
7.5
12
18
V
VFB
flyback supply voltage
2VP
45
66
V
Iq(P)(av)
average quiescent supply current
during scan
10
15
mA
Iq(FB)(av)
average quiescent flyback supply current
during scan
−−
10
mA
Ptot
total power dissipation
−−
8W
Inputs and outputs
Vi(dif)(p-p)
differential input voltage (peak-to-peak value)
1000
1500
mV
Io(p-p)
output current (peak-to-peak value)
−−
2.0
A
Flyback switch
Io(peak)
maximum (peak) output current
t
≤ 1.5 ms
−−±1.2
A
Thermal data; in accordance with IEC 747-1
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−25
+75
°C
Tj
junction temperature
−−
150
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8357J
DBS9P
plastic DIL-bent-SIL power package; 9 leads (lead length
12/11 mm); exposed die pad
SOT523-1


Similar Part No. - TDA8357J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8350 PHILIPS-TDA8350 Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
More results

Similar Description - TDA8357J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8359J PHILIPS-TDA8359J Datasheet
107Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS
2002 Jan 21
TDA8354Q PHILIPS-TDA8354Q Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
TDA8358J PHILIPS-TDA8358J Datasheet
110Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS with east-west amplifier
1999 Dec 22
logo
NTE Electronics
NTE7147 NTE-NTE7147 Datasheet
33Kb / 4P
   Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
logo
Unisonic Technologies
T8172 UTC-T8172 Datasheet
170Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_12 Datasheet
186Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78041 UTC-T78041 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com