Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-56BSRD-B Datasheet(PDF) 3 Page - Kingbright Corporation

Part # L-56BSRD-B
Description  T-1 3/4 (5mm) BLINKING LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-56BSRD-B Datasheet(HTML) 3 Page - Kingbright Corporation

  L-56BSRD-B Datasheet HTML 1Page - Kingbright Corporation L-56BSRD-B Datasheet HTML 2Page - Kingbright Corporation L-56BSRD-B Datasheet HTML 3Page - Kingbright Corporation L-56BSRD-B Datasheet HTML 4Page - Kingbright Corporation L-56BSRD-B Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: KDA0186
REV NO: V.1
DATE: OCT/04/2001
PAGE: 3 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
Absolute Maximum Ratings at T)=25°°°°°C
Note:
1. 4mm below package base.
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pd
e
R
t
h
g
ir
Bd
e
R
t
h
g
ir
B
d
e
R
t
h
g
ir
B
d
e
R
t
h
g
ir
Bd
e
R
t
h
g
ir
B
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
if
f
E
d
e
R
n
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
d
e
R
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P0
1
30
1
30
1
30
1
30
1
3
W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D5
55
55
55
55
5
A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R5
.
05
.
05
.
05
.
05
.
0
V
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O0
4
- °
o
T
C
+
0
7 °C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
5
- °Co
T + 0
0
1 °C
]
1
[
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
L0
6
2 °Cs
d
n
o
c
e
S
5
r
o
F
BRIGHT RED L-56BHD


Similar Part No. - L-56BSRD-B

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-56BID KINGBRIGHT-L-56BID Datasheet
45Kb / 3P
   T-1 3/4 (5mm) BLINKING LED LAMP
More results

Similar Description - L-56BSRD-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L56 ETC-L56 Datasheet
118Kb / 5P
   T-1 3/4 (5MM) BLINKING LED LAMPS
logo
Marktech Corporate
MT1118F-RG MARKTECH-MT1118F-RG Datasheet
64Kb / 1P
   T-1 3/4 Blinking LED Lamps
logo
Kingbright Corporation
L-56BID KINGBRIGHT-L-56BID Datasheet
45Kb / 3P
   T-1 3/4 (5mm) BLINKING LED LAMP
WP56BHD KINGBRIGHT-WP56BHD Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
WP56BGD KINGBRIGHT-WP56BGD Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
logo
SunLED Corporation
BUG53D SUNLED-BUG53D Datasheet
176Kb / 4P
   T-1 3/4 (5mm) BLINKING LED LAMP
BUR53D SUNLED-BUR53D Datasheet
176Kb / 4P
   T-1 3/4 (5mm) BLINKING LED LAMP
BMR53D SUNLED-BMR53D Datasheet
176Kb / 4P
   T-1 3/4 (5mm) BLINKING LED LAMP
logo
Kingbright Corporation
WP56BID KINGBRIGHT-WP56BID Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
WP56BYD KINGBRIGHT-WP56BYD Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com