Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TDA8350Q Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA8350Q
Description  DC-coupled vertical deflection and East-West output circuit
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8350Q Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
January 1995
5
Philips Semiconductors
Preliminary specification
DC-coupled vertical deflection and
East-West output circuit
TDA8350Q
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. A flyback supply voltage of
>50 V up to 60 V is allowed in application. A 220 nF capacitor in series with a 22 Ω resistor
(dependent on IO and the inductance of the coil) has to be connected between pin 7 and ground. The decoupling
capacitor of VFB has to be connected between pin 8 and pin 4. This supply voltage line must have a resistance of
33
Ω (see application circuit Fig.5).
2. IO maximum determined by current protection.
3. The operating area is limited by a straight line between the points VO(sink) = 40 V; IO(sink) =10 µA and VO(sink) =2V;
IO(sink) = 500 mA.
4. Up to Vp =18V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
DC supply
VP
supply voltage
non-operating
40
V
25
V
VFB
flyback supply voltage
50
V
note 1
60
V
Vertical circuit
IO
output current (peak-to-peak value)
note 2
3A
VO(A)
output voltage (pin 9)
52
V
note 1
62
V
Flyback switch
IM
peak output current
−±1.5
A
East-West amplifier
VO(sink)
output voltage
IO(sink) =10 µA; note 3
40
V
IO(sink)
output current
VO(sink) = 2 V; note 3
500
mA
Thermal data (in accordance with IEC 747-1)
Tstg
storage temperature
−65
150
°C
Tamb
operating ambient temperature
−25
+75
°C
Tvj
virtual junction temperature
150
°C
Rth vj-c
resistance vj-case
4
K/W
Rth vj-a
resistance vj-ambient in free air
40
K/W
tsc
short-circuiting time
note 4
1hr


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn