Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRCBLU-L1-0000-006E3 Datasheet(PDF) 3 Page - Cree, Inc

Part # XRCBLU-L1-0000-006E3
Description  XLamp XR-E and XR-C LED Binning and Labeling
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XRCBLU-L1-0000-006E3 Datasheet(HTML) 3 Page - Cree, Inc

  XRCBLU-L1-0000-006E3 Datasheet HTML 1Page - Cree, Inc XRCBLU-L1-0000-006E3 Datasheet HTML 2Page - Cree, Inc XRCBLU-L1-0000-006E3 Datasheet HTML 3Page - Cree, Inc XRCBLU-L1-0000-006E3 Datasheet HTML 4Page - Cree, Inc XRCBLU-L1-0000-006E3 Datasheet HTML 5Page - Cree, Inc XRCBLU-L1-0000-006E3 Datasheet HTML 6Page - Cree, Inc XRCBLU-L1-0000-006E3 Datasheet HTML 7Page - Cree, Inc XRCBLU-L1-0000-006E3 Datasheet HTML 8Page - Cree, Inc XRCBLU-L1-0000-006E3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and XLamp are registered trademarks of Cree, Inc.

CLD-AP2.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Performance Groups – Brightness
White XLamp LEDs are tested for luminous flux and placed into one of the following luminous-flux groups:
Group Code
Min. Luminous Flux
@ 50 mA (lm)
Max. Luminous Flux
@ 50 mA (lm)
M2
39.8
45.7
M3
45.7
51.7
N2
51.7
56.8
N3
56.8
62.0
N4
62.0
67.2
P2
67.2
73.9
P3
73.9
80.6
P4
80.6
87.4
Q2
87.4
93.9
Q3
93.9
100
Q4
100
107
Q5
107
114
Color XLamp LEDs are tested for luminous flux and placed into one of the following luminous-flux groups:
Group
Min. Luminous Flux
@ 50 mA (lm)
Max. Luminous Flux
@ 50 mA (lm)
G0
13.9
18.1
H0
18.1
23.5
J0
23.5
30.6
K0
30.6
39.8
M0
39.8
51.7
Royal-blue XLamp LEDs are tested for radiant flux and placed into one of the following radiant-flux groups:
Group
Min. Radiant Flux
(mW) @ 50 mA
Max. Radiant Flux
(mW) @ 50 mA
12
250
300
13
300
350
14
350
425
15
425
500
16
500
600


Similar Part No. - XRCBLU-L1-0000-006E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XRCBLU-L1-0000-00G01 CREE-XRCBLU-L1-0000-00G01 Datasheet
1Mb / 16P
   XLamp XR-C LEDs
XRCBLU-L1-0000-00H01 CREE-XRCBLU-L1-0000-00H01 Datasheet
1Mb / 16P
   XLamp XR-C LEDs
More results

Similar Description - XRCBLU-L1-0000-006E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
XRCWHT-L1-0000-00501 CREE-XRCWHT-L1-0000-00501 Datasheet
1Mb / 16P
   XLamp XR-C LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
logo
Ledil, Inc.
FA10739 LEDIL-FA10739 Datasheet
2Mb / 4P
   ~32째 medium beam designed for CREE XR-E.
C10924 LEDIL-C10924 Datasheet
765Kb / 4P
   Oval beam for area lighting optimized for CREE XM-L and XR-E
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com