Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRCROY-L1-0000-006E3 Datasheet(PDF) 11 Page - Cree, Inc

Part # XRCROY-L1-0000-006E3
Description  XLamp XR-E and XR-C LED Binning and Labeling
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XRCROY-L1-0000-006E3 Datasheet(HTML) 11 Page - Cree, Inc

Back Button XRCROY-L1-0000-006E3 Datasheet HTML 3Page - Cree, Inc XRCROY-L1-0000-006E3 Datasheet HTML 4Page - Cree, Inc XRCROY-L1-0000-006E3 Datasheet HTML 5Page - Cree, Inc XRCROY-L1-0000-006E3 Datasheet HTML 6Page - Cree, Inc XRCROY-L1-0000-006E3 Datasheet HTML 7Page - Cree, Inc XRCROY-L1-0000-006E3 Datasheet HTML 8Page - Cree, Inc XRCROY-L1-0000-006E3 Datasheet HTML 9Page - Cree, Inc XRCROY-L1-0000-006E3 Datasheet HTML 10Page - Cree, Inc XRCROY-L1-0000-006E3 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and XLamp are registered trademarks of Cree, Inc.

CLD-AP2.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Standard Order Codes and Bins (Blue)
The following tables list standard kit numbers and performance bins. Kit numbers completely describe an order code’s
dominant-wavelength range and luminous- or radiant-flux range.
XLamp XR-E LED Standard Order Codes – Blue
Min. Luminous Flux (lm)
@ 50 mA
Dominant Wavelength (nm)
Kit Number
Min.
Max.
Group
Flux (lm)
Group
DWL (nm)
Group
DWL (nm)
H0
18.1
B3
465
B4
475
00H02
H0
18.1
B4
470
B5
480
00H03
J0
23.5
B4
470
B5
480
00J03
XLamp XR-E LED Standard Order Codes – Royal Blue
Min. Radiant Flux (mW)
@ 50 mA
Dominant Wavelength (nm)
Kit Number
Min.
Max.
Group
Flux (mW)
Group
DWL (nm)
Group
DWL (nm)
12
250
D3
450
D5
465
00701
13
300
D3
450
D5
465
00801
For other flux and dominant wavelength combinations, contact Cree or an authorized distributor.


Similar Part No. - XRCROY-L1-0000-006E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XRCROY-L1-0000-00701 CREE-XRCROY-L1-0000-00701 Datasheet
1Mb / 16P
   XLamp XR-C LEDs
XRCROY-L1-0000-00801 CREE-XRCROY-L1-0000-00801 Datasheet
1Mb / 16P
   XLamp XR-C LEDs
More results

Similar Description - XRCROY-L1-0000-006E3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
XRCWHT-L1-0000-00501 CREE-XRCWHT-L1-0000-00501 Datasheet
1Mb / 16P
   XLamp XR-C LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
logo
Ledil, Inc.
FA10739 LEDIL-FA10739 Datasheet
2Mb / 4P
   ~32째 medium beam designed for CREE XR-E.
C10924 LEDIL-C10924 Datasheet
765Kb / 4P
   Oval beam for area lighting optimized for CREE XM-L and XR-E
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com