Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFS15220A380A40PL Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFS15220A380A40PL
Description  SOLID STATE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS15220A380A40PL Datasheet(HTML) 3 Page - Hongfa Technology

  HFS15220A380A40PL Datasheet HTML 1Page - Hongfa Technology HFS15220A380A40PL Datasheet HTML 2Page - Hongfa Technology HFS15220A380A40PL Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
@dY`\ek Q\dg\iXkli\ - .
@dY`\ek Q\dg\iXkli\ - .
@dY`\ek Q\dg\iXkli\ - .
@dY`\ek Q\dg\iXkli\ - .
6:
JXo2 IfX[ Blii\ek mj2 @dY`\ek Q\dg2 -59@.
JXo2 IfX[ Blii\ek mj2 @dY`\ek Q\dg2 -64@.
JXo2 IfX[ Blii\ek mj2 @dY`\ek Q\dg2 -69@.
JXo2 IfX[ Blii\ek mj2 @dY`\ek Q\dg2 -84@.
C`jZcX`d\i
Q_`j [XkXj_\\k `j ]fi k_\ Zljkfd\ijv i\]\i\eZ\2 @cc k_\ jg\Z`]`ZXk`fej Xi\ jlYa\Zk kf Z_Xe^\ n`k_flk efk`Z\2
T\ Zflc[ efk \mXclXk\ Xcc k_\ g\i]fidXeZ\ Xe[ Xcc k_\ gXiXd\k\ij ]fi \m\ip gfjj`Yc\ Xggc`ZXk`fe2 Q_lj k_\ lj\i j_flc[ Y\ `e X i`^_k gfj`k`fe kf Z_ffj\
k_\ jl`kXYc\ gif[lZk ]fi k_\`i fne Xggc`ZXk`fe2 H] k_\i\ `j Xep hl\ip0 gc\Xj\ ZfekXZk Gfe^]X ]fi k_\ k\Z_e`ZXc j\im`Z\2 Gfn\m\i0 `k `j k_\ lj\ivj i\jgfej`Y`c`kp
kf [\k\id`e\ n_`Z_ gif[lZk j_flc[ Y\ lj\[ fecp2
s U`Xd\e Gfe^]X Dc\ZkifXZfljk`Z Bf20 Ik[2 @cc i`^_kj f] Gfe^]X Xi\ i\j\im\[2
270?02A4?8@A82@ 2B?C4@
164
174
4
64
4
544
84
:4
<4
69
59
164
174
4
64
544
84
:4
<4
9
:
54
<
T`k_ _\Xk j`eb>GE=6A1<4
T`k_flk G\Xk P`eb
T`k_ _\Xk j`eb>GE=6A1564
T`k_flk G\Xk P`eb
164
174
4
64
4
544
84
:4
<4
69
5<
164
174
4
64
4
544
84
:4
<4
64
54
74
84
7
:
54
9
T`k_ _\Xk j`eb>GE=6A1564
T`k_flk G\Xk P`eb
T`k_ _\Xk j`eb>GE=6A1594@
T`k_flk G\Xk P`eb
64
629
4
69
59
7
9
54
<
64
6
74
94


Similar Part No. - HFS15220A380A40PL

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS10N60 SEMIHOW-HFS10N60 Datasheet
668Kb / 7P
   600V N-Channel MOSFET
HFS10N60S SEMIHOW-HFS10N60S Datasheet
792Kb / 7P
   600V N-Channel MOSFET
HFS10N60U SEMIHOW-HFS10N60U Datasheet
306Kb / 7P
   Superior Avalanche Rugged Technology
HFS10N65S SEMIHOW-HFS10N65S Datasheet
906Kb / 7P
   650V N-Channel MOSFET
HFS10N65U SEMIHOW-HFS10N65U Datasheet
307Kb / 7P
   Superior Avalanche Rugged Technology7
More results

Similar Description - HFS15220A380A40PL

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com