Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8315T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8315T
Description  Integrated NTSC decoder and sync processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8315T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8315T Datasheet HTML 6Page - NXP Semiconductors TDA8315T Datasheet HTML 7Page - NXP Semiconductors TDA8315T Datasheet HTML 8Page - NXP Semiconductors TDA8315T Datasheet HTML 9Page - NXP Semiconductors TDA8315T Datasheet HTML 10Page - NXP Semiconductors TDA8315T Datasheet HTML 11Page - NXP Semiconductors TDA8315T Datasheet HTML 12Page - NXP Semiconductors TDA8315T Datasheet HTML 13Page - NXP Semiconductors TDA8315T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
September 1994
10
Philips Semiconductors
Preliminary specification
Integrated NTSC decoder
and sync processor
TDA8315T
Notes to the characteristics
1. Signal with negative-going sync. Amplitude includes sync pulse amplitude.
2. This parameter is not tested during production and is guaranteed by the design and qualified by matrix batches which
are made in the pilot production period.
3. Burst amplitude; for a colour bar with 75% saturation the chrominance signal amplitude is 660 mV (p-p).
4. This parameter is not tested during production and is just given as application information for the designer of the
television receiver.
5. The signal-to-noise ratio is specified as a peak-to-peak signal with respect to RMS noise (bandwidth 5 MHz).
6. At a chrominance input voltage of 660 mV (p-p) (colour bar with 75% saturation i.e. burst signal amplitude
300 mV (p-p)) the dynamic range of the ACC is +6 and
−18 dB.
7. All frequency variations are referenced to 3.58 MHz carrier frequency.
All oscillator specifications are measured with the Philips crystal series 9922 520.
If the spurious response of the crystal is lower than
−3 dB with respect to the fundamental frequency for a damping
resistance of 1.5 k
Ω, oscillation at the fundamental frequency is guaranteed.
The catching and detuning range are measured for nominal crystal parameters. These are:
a) load resonance frequency f0 (CL = 20 pF) = 3.579545 MHz
b) motional capacitance CM = 14.5 fF
c) parallel capacitance C0 = 4.5 pF.
The actual load capacitance in the application should be CL = 18 pF to account for parasitic capacitances on
and off chip.
The free-running frequency of the oscillator can be checked by pulling the saturation control pin to the positive supply
rail. In that condition the colour killer is not active so that the frequency offset is visible on the screen.
8. This value indicates the bandwidth of the complete chrominance circuit including the chrominance bandpass filter.
The bandwidth of the demodulator low-pass filter is approximately 1 MHz.
9. Output signal amplitude for a standard colour bar signal with 75% saturation and a demodulation angle of 90
°. For a
demodulation angle of 110
° the −V signal amplitude will decrease to 1.2 V (p-p) and the −U signal amplitude remains
unchanged. The nominal saturation is specified as maximum
−6 dB.
10. Slicing level independent of sync pulse amplitude. The slicing level of the vertical sync separator is 70% (slicing level
in direction of black level) during strong signal reception (no noise detected in the incoming signal) and 30% during
weak signal reception.
11. The horizontal and vertical sync are stable while processing Copy Guard signals and signals with phase shifted sync
pulses (stretched tapes). Trick mode conditions of the VCR will also not disturb the synchronization. The value given
is the delay caused by the vertical sync pulse integrator. The integrator has been designed such that the vertical sync
is not disturbed for special anti-copy tapes with vertical sync pulses with an on/off time of 10/22
µs.
12. To obtain a good performance for both weak signal and VCR playback the time constant of the first control loop is
switched depending on the input signal condition. Therefore the circuit contains a noise detector and the time
constant is switched to ‘slow’ when excessive noise is present in the signal. In the ‘fast’ mode during the vertical
retrace time the phase detector current is increased 50% so that phase errors due to head-switching of the VCR are
corrected as soon as possible.
To prevent the horizontal synchronization being disturbed by anti-copy guard signals such as Macrovision the phase
detector is gated during the vertical retrace period so that pulses during scan have no effect on the output voltage.
The width of the gate pulse is approximately 12
µs. during weak signal conditions (noise detector active) the gating
is active during the complete scan period and the width of the gate pulse is reduced to 5.7
µs so that the effect of the
noise is reduced to a minimum.
The output current of the phase detector in the two modes is shown in Table 1.


Similar Part No. - TDA8315T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8310 PHILIPS-TDA8310 Datasheet
92Kb / 24P
   PAL/NTSC colour processor for PIP applications
February 1995
TDA8310A PHILIPS-TDA8310A Datasheet
129Kb / 24P
   PAL/NTSC colour processor for PIP applications
1996 Jan 25
More results

Similar Description - TDA8315T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NTE Electronics
NTE1890 NTE-NTE1890 Datasheet
43Kb / 6P
   Integrated Circuit NTSC Decoder for TV
logo
NXP Semiconductors
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
   NTSC DECODER
October 1979
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
   NTSC DECODER
December 1982
TDA9144 PHILIPS-TDA9144 Datasheet
309Kb / 44P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
1996 Jan 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com