Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93C76 Datasheet(PDF) 3 Page - Microchip Technology

Part # 93C76
Description  8K/16K 5.0V Microwire Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76 Datasheet(HTML) 3 Page - Microchip Technology

  93C76_04 Datasheet HTML 1Page - Microchip Technology 93C76_04 Datasheet HTML 2Page - Microchip Technology 93C76_04 Datasheet HTML 3Page - Microchip Technology 93C76_04 Datasheet HTML 4Page - Microchip Technology 93C76_04 Datasheet HTML 5Page - Microchip Technology 93C76_04 Datasheet HTML 6Page - Microchip Technology 93C76_04 Datasheet HTML 7Page - Microchip Technology 93C76_04 Datasheet HTML 8Page - Microchip Technology 93C76_04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2004 Microchip Technology Inc.
DS21132E-page 3
93C76/86
TABLE 1-1:
DC CHARACTERISTICS
TABLE 1-2:
AC CHARACTERISTICS
DC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted:
VCC = +4.5V to +5.5V
Commercial
(C): TA = 0°C to -40°C
Industrial
(I):
TA = -40°C to +85°C
Automotive
(E): TA = -40
°C to +125°C
Parameter
Symbol
Min.
Max.
Units
Conditions
High-level input voltage
VIH1
2.0
VCC +1
V
Low-level input voltage
VIL1
-0.3
0.8
V
Low-level output voltage
VOL1
—0.4
V
IOL = 2.1 mA; VCC = 4.5V
VOL2
—0.2
V
IOL =100
µA; VCC = 4.5V
High-level output voltage
VOH1
2.4
V
IOH = -400
µA; VCC = 4.5V
VOH2
VCC-0.2
V
IOH = -100
µA; VCC = 4.5V.
Input leakage current
ILI
-10
10
µAVIN = 0.1V to VCC
Output leakage current
ILO
-10
10
µAVOUT = 0.1V to VCC
Pin capacitance
(all inputs/outputs)
CINT
—7
pF
(Note 1)
TA = +25°C, FCLK = 1 MHz
Operating current
ICC write
3
mA
FCLK = 2 MHz; VCC = 5.5V
ICC read
1.5
mA
FCLK = 2 MHz; VCC = 5.5V
Standby current
ICCS
—100
µA
CLK = CS = 0V; VCC = 5.5V
DI = PE = VSS
ORG = VSS or VCC
Note 1:
This parameter is periodically sampled and not 100% tested.
AC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted:
VCC = +4.5V to +5.5V
Commercial
(C): TA = 0°C to -40°C
Industrial
(I):
TA = -40°C to +85°C
Automotive
(E): TA = -40
°C to +125°C
Parameter
Symbol
Min.
Max.
Units
Conditions
Clock frequency
FCLK
2
MHz
Vcc
≥ 4.5V
Clock high time
TCKH
300
ns
Clock low time
TCKL
200
ns
Chip select setup time
TCSS
50
ns
Relative to CLK
Chip select hold time
TCSH
0—
ns
Chip select low time
TCSL
250
ns
Relative to CLK
Data input setup time
TDIS
100
ns
Relative to CLK
Data input hold time
TDIH
100
ns
Relative to CLK
Data output delay time
TPD
400
ns
CL = 100 pF
Data output disable time
TCZ
100
ns
(Note 1)
Status valid time
TSV
500
ns
CL = 100 pF
Program cycle time
TWC
10
ms
Erase/Write mode (Note 2)
TEC
15
ms
ERAL mode
TWL
—30
ms
WRAL mode
Endurance
1M
cycles
25°C, VCC = 5.0V, Block mode
(Note 3)
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Typical program cycle is 4 ms per word.
3:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total EnduranceModel which can be obtained from Microchip’s web site
at www.microchip.com.


Similar Part No. - 93C76_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C76-EP MICROCHIP-93C76-EP Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93C76-ESN MICROCHIP-93C76-ESN Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93C76-IP MICROCHIP-93C76-IP Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93C76-ISN MICROCHIP-93C76-ISN Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93C76-P MICROCHIP-93C76-P Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results

Similar Description - 93C76_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93C76 MICROCHIP-93C76_13 Datasheet
214Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
10/26/12
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
   8K/16K 1.8V Microwire Serial EEPROM
1996
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
05/28/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com