Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC174 Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LC174
Description  16K 2.5V Cascadable I2C??Serial EEPROM with OTP Security Page
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC174 Datasheet(HTML) 2 Page - Microchip Technology

  24LC174 Datasheet HTML 1Page - Microchip Technology 24LC174 Datasheet HTML 2Page - Microchip Technology 24LC174 Datasheet HTML 3Page - Microchip Technology 24LC174 Datasheet HTML 4Page - Microchip Technology 24LC174 Datasheet HTML 5Page - Microchip Technology 24LC174 Datasheet HTML 6Page - Microchip Technology 24LC174 Datasheet HTML 7Page - Microchip Technology 24LC174 Datasheet HTML 8Page - Microchip Technology 24LC174 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
24LC174
DS21101H-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS ................ -0.3V to Vcc +1.0V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD protection on all pins
..................................................≥ 4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
VSS
Ground
SDA
Serial Address/Data I/O
SCL
Serial Clock
WP
Write Protect Input
VCC
+2.5V to 5.5V Power Supply
A0, A1, A2
Chip Address Inputs
TABLE 1-2:
DC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING START/STOP
Vcc = +2.5V to 5.5V
Commercial
(C):
Tamb = 0°C to +70°C
Industrial
(I):
Tamb = -40°C to +85°C
Parameter
Symbol
Min
Max
Units
Conditions
WP, SCL and SDA pins:
High level input voltage
Low level input voltage
Hysteresis of Schmitt trigger inputs
Low level output voltage
VIH
VIL
VHYS
VOL
.7 VCC
.05 VCC
.3 VCC
.40
V
V
V
V
(Note)
IOL = 3.0 mA, VCC = 2.5V
Input leakage current
ILI
-10
10
µAVIN = .1V to VCC
Output leakage current
ILO
-10
10
µAVOUT = .1V to VCC
Pin capacitance (all inputs/outputs)
CIN, COUT
—10
pF
VCC = 5.0V (Note1),
Tamb = 25
°C, FCLK = 1 MHz
Operating current
ICC Write
ICC Read
3
1
mA
mA
VCC = 5.5V, SCL = 400 kHz
Standby current
ICCS
30
100
µA
µA
VCC = 3.0V, SDA = SCL = VCC
VCC = 5.5V, SDA = SCL = VCC
WP = VSS
Note:This parameter is periodically sampled and not 100% tested.
TSU:STA
THD:STA
VHYS
TSU:STO
START
STOP
SCL
SDA


Similar Part No. - 24LC174

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC1025 MICROCHIP-24LC1025 Datasheet
365Kb / 24P
   1024K I2C??CMOS Serial EEPROM
2008
24LC1025 MICROCHIP-24LC1025 Datasheet
304Kb / 26P
   1024K I2C??CMOS Serial EEPROM
2010
24LC1025 MICROCHIP-24LC1025 Datasheet
447Kb / 28P
   1024K I2C??CMOS Serial EEPROM
2011
24LC1025 MICROCHIP-24LC1025 Datasheet
447Kb / 28P
   1024K I2C??Serial EEPROM
11/29/11
24LC1025 MICROCHIP-24LC1025 Datasheet
447Kb / 28P
   1024K I2C Serial EEPROM
11/29/11
More results

Similar Description - 24LC174

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA174 MICROCHIP-24AA174 Datasheet
168Kb / 12P
   16K 1.8V Cascadable I2C??Serial EEPROM with OTP Security Page
2004
24LC164 MICROCHIP-24LC164 Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
24AA16 MICROCHIP-24AA16_09 Datasheet
557Kb / 32P
   16K I2C??Serial EEPROM
2009
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
24AA16 MICROCHIP-24AA16_03 Datasheet
317Kb / 24P
   16K I2C??Serial EEPROM
2003
24LC16B MICROCHIP-24LC16B_16 Datasheet
381Kb / 26P
   16K I2C Serial EEPROM
07/14/15
24AA16 MICROCHIP-24AA16_12 Datasheet
1Mb / 40P
   16K I2C??Serial EEPROM
11/29/12
24AA16T-I MICROCHIP-24AA16T-I Datasheet
423Kb / 26P
   16K I2C Serial EEPROM
12/08/06
logo
Integral Corp.
IN24LC16 INTEGRAL-IN24LC16 Datasheet
212Kb / 10P
   16K SERIAL EEPROM WITH I2C BUS
logo
KODENSHI_AUK CORP.
KK24LC16 KODENSHI-KK24LC16 Datasheet
174Kb / 3P
   16K Serial EEPROM with I2C bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com