Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C04A Datasheet(PDF) 2 Page - Microchip Technology

Part # 24C04A
Description  4K 5.0V I 2 C ??Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C04A Datasheet(HTML) 2 Page - Microchip Technology

  24C04A_04 Datasheet HTML 1Page - Microchip Technology 24C04A_04 Datasheet HTML 2Page - Microchip Technology 24C04A_04 Datasheet HTML 3Page - Microchip Technology 24C04A_04 Datasheet HTML 4Page - Microchip Technology 24C04A_04 Datasheet HTML 5Page - Microchip Technology 24C04A_04 Datasheet HTML 6Page - Microchip Technology 24C04A_04 Datasheet HTML 7Page - Microchip Technology 24C04A_04 Datasheet HTML 8Page - Microchip Technology 24C04A_04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
24C04A
DS11183F-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS ............... -0.6V to VCC +1.0V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD protection on all pins................................................4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
A0
No Function - Must be connected to
VCC or VSS
A1, A2
Chip Address Inputs
VSS
Ground
SDA
Serial Address/Data I/O
SCL
Serial Clock
WP
Write Protect Input
VCC
+5V Power Supply
TABLE 1-2:
DC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING START/STOP
VCC = +5V (±10%)
Commercial (C): Tamb = 0°C to +70°C
Industrial (I):
Tamb = -40°C to +85°C
Automotive (E):
Tamb = -40°C to +125°C
Parameter
Symbol
Min.
Max.
Units
Conditions
VCC detector threshold
VTH
2.8
4.5
V
SCL and SDA pins:
High level input voltage
Low level input voltage
Low level output voltage
VIH
VIL
VOL
VCC x 0.7
-0.3
VCC + 1
VCC x 0.3
0.4
V
V
VIOL = 3.2 mA (SDA only)
A1 & A2 pins:
High level input voltage
Low level input voltage
VIH
VIL
VCC - 0.5
-0.3
VCC + 0.5
0.5
V
V
Input leakage current
ILI
—10
µA
VIN = 0V to VCC
Output leakage current
ILO
—10
µA
VOUT = 0V to VCC
Pin capacitance
(all inputs/outputs)
CIN,
COUT
—7.0
pF
VIN/VOUT = 0V (Note)
Tamb = +25°C, f = 1 MHz
Operating current
ICC Write
3.5
mA
FCLK = 100 kHz, program cycle time = 1 ms,
Vcc = 5V, Tamb = 0°C to +70°C
ICC Write
4.25
mA
FCLK = 100 kHz, program cycle time = 1 ms,
Vcc = 5V, Tamb = (I) and (E)
ICC
Read
750
µA
VCC = 5V, Tamb= (C), (I) and (E)
Standby current
ICCS
100
µA
SDA=SCL=VCC=5V (no PROGRAM active)
WP/TEST = VSS, A0, A1, A2 = VSS
Note: This parameter is periodically sampled and not 100% tested
TSU:STA
THD:STA
VHYS
TSU:STO
START
STOP
SCL
SDA


Similar Part No. - 24C04A_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C04A-EP MICROCHIP-24C04A-EP Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C04A-EP MICROCHIP-24C04A-EP Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C04A-ESL MICROCHIP-24C04A-ESL Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C04A-ESL MICROCHIP-24C04A-ESL Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C04A-ESM MICROCHIP-24C04A-ESM Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
More results

Similar Description - 24C04A_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
   1K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
   2K 5.0V I 2 C ??Serial EEPROM
1997
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
   1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C32A MICROCHIP-24C32A Datasheet
79Kb / 12P
   32K 5.0V I 2 C O Serial EEPROM
1996
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
   64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24FC32 MICROCHIP-24FC32 Datasheet
99Kb / 12P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24FC65 MICROCHIP-24FC65 Datasheet
140Kb / 16P
   64K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24FC32 MICROCHIP-24FC32_04 Datasheet
144Kb / 16P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com