Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C04A Datasheet(PDF) 5 Page - Microchip Technology

Part # 24C04A
Description  4K 5.0V I 2 C ??Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C04A Datasheet(HTML) 5 Page - Microchip Technology

  24C04A_04 Datasheet HTML 1Page - Microchip Technology 24C04A_04 Datasheet HTML 2Page - Microchip Technology 24C04A_04 Datasheet HTML 3Page - Microchip Technology 24C04A_04 Datasheet HTML 4Page - Microchip Technology 24C04A_04 Datasheet HTML 5Page - Microchip Technology 24C04A_04 Datasheet HTML 6Page - Microchip Technology 24C04A_04 Datasheet HTML 7Page - Microchip Technology 24C04A_04 Datasheet HTML 8Page - Microchip Technology 24C04A_04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2004 Microchip Technology Inc.
DS11183F-page 5
24C04A
4.0
SLAVE ADDRESS
The chip address inputs A1 and A2 must be externally
connected to either VCC or ground (VSS), thereby
assigning a unique address to each device. A0 is not
used on the 24C04A and must be connected to either
VCC or VSS. Up to four 24C04A devices may be con-
nected to the bus. Chip selection is then accomplished
through software by setting the bits A1 and A2 of the
slave address to the corresponding hard-wired logic lev-
els of the selected 24C04A. After generating a START
condition, the bus master transmits the slave address
consisting of a 4-bit device code (1010), followed by the
chip address bits A0, A1 and A2. The seventh bit of that
byte (A0) is used to select the upper block (addresses
100—1FF) or the lower block (addresses 000—0FF) of
the array.
The eighth bit of the slave address determines if the
master device wants to read or write to the 24C04A
(Figure 4-1).
The 24C04A monitors the bus for its corresponding
slave address all the time. It generates an acknowl-
edge bit if the slave address was true and it is not in a
programming mode.
FIGURE 4-1:
SLAVE ADDRESS
ALLOCATION
SLAVE ADDRESS
101
0A2
A1
A0
R/W
A
START
READ/WRITE
5.0
BYTE PROGRAM MODE
In this mode, the master sends addresses and one
data byte to the 24C04A.
Following the START signal from the master, the device
code (4-bits), the slave address (3-bits), and the R/W
bit, which is logic LOW, are placed onto the bus by the
master. This indicates to the addressed 24C04A that a
byte with a word address will follow after it has gener-
ated an acknowledge bit. Therefore the next byte trans-
mitted by the master is the word address and will be
written into the address pointer of the 24C04A. After
receiving the acknowledge, the master device trans-
mits the data word to be written into the addressed
memory location. The 24C04A acknowledges again
and the master generates a STOP condition. This ini-
tiates the internal programming cycle (Figure 6-1).


Similar Part No. - 24C04A_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C04A-EP MICROCHIP-24C04A-EP Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C04A-EP MICROCHIP-24C04A-EP Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C04A-ESL MICROCHIP-24C04A-ESL Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C04A-ESL MICROCHIP-24C04A-ESL Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C04A-ESM MICROCHIP-24C04A-ESM Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
More results

Similar Description - 24C04A_04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
   4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
   1K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
   2K 5.0V I 2 C ??Serial EEPROM
1997
24C01B MICROCHIP-24C01B Datasheet
162Kb / 12P
   1K/2K 5.0V I 2 C ??Serial EEPROM
1997
24C32A MICROCHIP-24C32A Datasheet
79Kb / 12P
   32K 5.0V I 2 C O Serial EEPROM
1996
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
   64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24FC32 MICROCHIP-24FC32 Datasheet
99Kb / 12P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24FC65 MICROCHIP-24FC65 Datasheet
140Kb / 16P
   64K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24FC32 MICROCHIP-24FC32_04 Datasheet
144Kb / 16P
   32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com