Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHY54130CM Datasheet(PDF) 5 Page - International Rectifier

Part # IRHY54130CM
Description  RADIATION HARDENED POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHY54130CM Datasheet(HTML) 5 Page - International Rectifier

  IRHY54130CM Datasheet HTML 1Page - International Rectifier IRHY54130CM Datasheet HTML 2Page - International Rectifier IRHY54130CM Datasheet HTML 3Page - International Rectifier IRHY54130CM Datasheet HTML 4Page - International Rectifier IRHY54130CM Datasheet HTML 5Page - International Rectifier IRHY54130CM Datasheet HTML 6Page - International Rectifier IRHY54130CM Datasheet HTML 7Page - International Rectifier IRHY54130CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
Pre-Irradiation
IRHY57130CM, JANSR2N7484T3
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0
400
800
1200
1600
2000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
0
10
20
30
40
50
0
5
10
15
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
22A
V
= 20V
DS
V
= 50V
DS
V
= 80V
DS
16A
18A
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1ms
10ms
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µs


Similar Part No. - IRHY54130CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY54034CM IRF-IRHY54034CM Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY54230CM IRF-IRHY54230CM Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY54Z30CM IRF-IRHY54Z30CM Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results

Similar Description - IRHY54130CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHNA57Z60 IRF-IRHNA57Z60 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRH7130 IRF-IRH7130 Datasheet
464Kb / 12P
   RADIATION HARDENED POWER MOSFET
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHLF77214 IRF-IRHLF77214 Datasheet
220Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
JANSF2N7422U IRF-JANSF2N7422U Datasheet
132Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com