Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFV7A006ZS3 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFV7A006ZS3
Description  AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV7A006ZS3 Datasheet(HTML) 2 Page - Hongfa Technology

  HFV7A006ZS3 Datasheet HTML 1Page - Hongfa Technology HFV7A006ZS3 Datasheet HTML 2Page - Hongfa Technology HFV7A006ZS3 Datasheet HTML 3Page - Hongfa Technology HFV7A006ZS3 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
=
=
89
89
9;
9;
=
=
89
89
9;
9;
:5=
:5=
>59
>59
8;5;
8;5;
:5=
:5=
>59
>59
8;5;
8;5;
75=
75=
859
859
95;
95;
75=
75=
859
859
95;
95;
995<
995<
@7
@7
:=7
:=7
8?
8?
>9
>9
9??
9??
85=
85?
85=
85?
85=
85?
957
959
957
959
957
959
9:
?<
87
@
98
8?
;:
:=
@
@
8@
8?
:@
:=
@
@
8?
8?
:;
:;
>
>
8;
8;
9?
9?
444
8?7
444
=?7
444
9>77
444
8?7
444
=?7
444
9>77
44
97
444
>@5<
444
:8>5=
44
8=5;
444
=<58
444
9=759
RmZg]Zk]
Ib`a ihp^k
\hglnfimbhg
:7
?>
?>Z
:7
?>
L
:7
?>
:7
?>
?>Z
LZq5 ZeehpZ[e^ ho^k]kbo^
ohemZ`^ 92 UED
;2 Va^g ma^ ehZ] k^jnbk^f^gm bl ]b__^k^gm _khf \hgm^gm h_ ma^ mZ[e^ Z[ho^3 ie^Zl^ \hgmZ\m Ihg`_Z _hk k^eZr Ziieb\Zmbhg lniihkm5
82 Sa^ ihp^k \hglnfimbhg h_ iZkZee^e k^lblmZg\^ bl 75<V5
92 LZq5 ZeehpZ[e^ ho^k]kbo^ ohemZ`^ bl lmZm^] pbma gh ehZ] Ziieb^]5
82 Dhkk^lihg]l mh ma^ i^Zd bgknla \nkk^gm hg bgbmbZe Z\mnZmbhg 1fhmhk25
92 Sa^ ehZ] bg ma^ mZ[e^ ^q\en]^l _eZla^k5 Va^g Ziieb^] bg _eZla^k3 Z li^\bZe lbeo^k Zeehr 1B`RgN92 \hgmZ\m fZm^kbZe lahne] [^ nl^] Zg] ma^ \nlmhf^k
li^\bZe \h]^ lahne] [^ 18>72 Zl Z ln__bq5 Oe^Zl^ a^^] ma^ Zgh]^ Zg] \Zmah]^0l k^jn^lm pa^g pbk^]3 m^kfbgZe :7 lahne] \hgg^\m pbma Zgh]^5
:2 Sa^ ehZ] pbkbg` ]bZ`kZfl Zk^ eblm^] [^ehpA
5WUVRPLT USLJNIO JRKL
=?
]bZ`kZf 8
]bZ`kZf 9
]bZ`kZf :
]bZ`kZf ;
1WWW2
Q
Q
Q
Q
q18 87.2
q18 <.2
82 OZkZee^e \hgg^\mbhg h_ ]bh]^ lahne] ikhob]^ ma^ k^jnbk^f^gm h_ ma^ iheZkbmr5 Dhbe k^lblmZg\^ bl \a^\d^] [r ohemZff^mkr5
92 IGU>B bl Zg ^gobkhgf^gmZe _kb^g]er ikh]n\m3 ie^Zl^ fZkd li^\bZe \h]^ 1<<<2 pa^g hk]^k5
A|Vbma k^lblmhk 6|Vbma iZkZee^e ]bh]^ >NOA Vbmahnm k^lblmhk
CTIQUNLQV UWSSTLUUNRQ TLUNUVRT 82
92
IGU>B 6
Y
R
789
5RQVIJV PIVLTNIO
CA B`RgN9
/A B`Mb758<
4Q
S
O
OZkZee^e
k^lblmZg\^ 82
FjnboZe^gm
k^lblmZg\^
5RNO XROVIML
,,1A =UED ,-.A 89UED ,.0A 9;UED
5?;< 64C4
Dhbe
k^lblmZg\^
MhfbgZe
ohemZ`^
UED
Ob\d4ni
ohemZ`^
UED
Ekhi4hnm
ohemZ`^
UED
Ohp^k
\hglnfimbhg
V
?A67A;>9 ;>8?A=4C;?>
CZSL
5RQUVTWJVNRQ
BA VZla mb`am
>NOA Enlm ikhm^\m^]
5RQVIJV ITTIQMLPLQV
:A 8 Ghkf B
HA 8 Ghkf D
5RNO SRYLT
@A Ib`a ihp^k \hglnfimbhg
>NOA RmZg]Zk]
^5`5 18>72 lmZg]l _hk _eZla^k ehZ]3 1<<<2 lmZg]l _hk QhIR / FKU \hfiebZgm5 Jg \Zl^ ma^k^ Zk^
fnembie^ li^\bZe k^jnbk^f^gml3 Zee li^\bZe \h]^l lahne] [^ _heehp^] hg^ [r hg^5
Zm 9:


Similar Part No. - HFV7A006ZS3

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV7 HONGFA-HFV7 Datasheet
82Kb / 4P
   AUTOMOTIVE RELAY
HFV7/006-H4SPTM-D HONGFA-HFV7/006-H4SPTM-D Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H4SPTM-D1 HONGFA-HFV7/006-H4SPTM-D1 Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H4SPTM-R HONGFA-HFV7/006-H4SPTM-R Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H6SPTM-D HONGFA-HFV7/006-H6SPTM-D Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
More results

Similar Description - HFV7A006ZS3

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com