Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8046 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA8046
Description  Multi-mode QAM demodulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8046 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA8046 Datasheet HTML 26Page - NXP Semiconductors TDA8046 Datasheet HTML 27Page - NXP Semiconductors TDA8046 Datasheet HTML 28Page - NXP Semiconductors TDA8046 Datasheet HTML 29Page - NXP Semiconductors TDA8046 Datasheet HTML 30Page - NXP Semiconductors TDA8046 Datasheet HTML 31Page - NXP Semiconductors TDA8046 Datasheet HTML 32Page - NXP Semiconductors TDA8046 Datasheet HTML 33Page - NXP Semiconductors TDA8046 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
1996 Nov 19
30
Philips Semiconductors
Product specification
Multi-mode QAM demodulator
TDA8046
7.1.11
I2C-BUS INTERFACE
The TDA8046 is controlled by an I2C-bus. For programming, there is one module address (7 bits) and the R/W bit for
selecting READ or WRITE mode. It should be noted that the TDA8046 starts up in accordance with to the settings defined
in Tables 7, 8 and 9.
Table 6
Slave address
Table 7
WRITE (R/W=0)
A6
A5
A4
A3
A2
A1
A0
R/W
000111
A0
X
FUNCTION
ADD
D7
D6
D5
D4
D3
D2
D1
D0
DAC current
inversion/general
00
AGCI
CLKI
CARI
OUTE
DEM
NYQ
DPHR
RST
Demodulator
01
INP
RLF
OUTB
OUTA
INVD
CONC
CONB
CONA
DAC/OFFS/switch
02
ANAS
OFFS
AGCB
AGCA
CLKB
CLKA
CARB
CARA
Digital test/output
formatter
03
−−
OUTF
TSEL2
TSEL1
TSEL0
Digital loop filter
B.W.
04
DCA7
DCA6
DCA5
DCA4
DCA3
DCA2
DCA1
DCA0
Digital loop filter
B.W.
05
FSOL
−−
−−
DCB2
DCB1
DCB0
Lock detector
threshold
06
LDT7
LDT6
LDT5
LDT4
LDT3
LDT2
LDT1
LDT0
Lock detector
window size
07
−−
WS1
WS0
AGC detector
threshold
08
ATH7
ATH6
ATH5
ATH4
ATH3
ATH2
ATH1
ATH0
Equalizer mode
09
−−
EAR
FFEL
EDFE
EFFE
EFC
PRESET
Equalizer tap FFEI
0A
FFEI07
FFEI06
FFEI05
FFEI04
FFEI03
FFEI02
FFEI01
FFEI00
Equalizer steps
0B
FSTP2
FSTP1
FSTP0
DSTP2
DSTP1
DSTP0


Similar Part No. - TDA8046

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
   Quadrature demodulator controller
November 1994
TDA8042 PHILIPS-TDA8042 Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
More results

Similar Description - TDA8046

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS3810 ETC1-CS3810 Datasheet
265Kb / 12P
   32 QAM Demodulator
logo
Sony Corporation
CXD1958Q SONY-CXD1958Q Datasheet
332Kb / 48P
   MMDS TCM/QAM Demodulator FEC ADC
logo
STMicroelectronics
STV0297E STMICROELECTRONICS-STV0297E Datasheet
81Kb / 5P
   QAM demodulator IC with A/D converter
STI7197 STMICROELECTRONICS-STI7197 Datasheet
97Kb / 4P
   Advanced STB decoder with integrated QAM demodulator
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
   Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
logo
CML Microcircuits
CMX991 CMLMICRO-CMX991 Datasheet
2Mb / 56P
   Two-mode demodulator
logo
STMicroelectronics
QAMI5107 STMICROELECTRONICS-QAMI5107 Datasheet
93Kb / 6P
   Low-cost QAM demodulator and MPEG2 decoder SOC for set-top boxes
STI5197 STMICROELECTRONICS-STI5197 Datasheet
84Kb / 4P
   Cost-effective QAM demodulator and MPEG2 decoder for SD set-top box applications
logo
Texas Instruments
TVP9900 TI-TVP9900 Datasheet
906Kb / 65P
[Old version datasheet]   VSB/QAM Receiver
logo
Fairchild Semiconductor
RC2798 FAIRCHILD-RC2798 Datasheet
76Kb / 12P
   Integrated QAM IF Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com