Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFV7A006HSPT Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFV7A006HSPT
Description  AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFV7A006HSPT Datasheet(HTML) 1 Page - Hongfa Technology

  HFV7A006HSPT Datasheet HTML 1Page - Hongfa Technology HFV7A006HSPT Datasheet HTML 2Page - Hongfa Technology HFV7A006HSPT Datasheet HTML 3Page - Hongfa Technology HFV7A006HSPT Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
82 FjnboZe^gm mh ma^ fZq5 bgbmbZe \hgmZ\m k^lblmZg\^ bl <7f 1Zm 8B 9;UED25
92 R^^ -KhZ] ebfbm \nko^ -5
:2 Sa^ oZen^ bl f^Zlnk^] pa^g ohemZ`^ ]khil ln]]^ger _khf ghfbgZe
ohemZ`^ mh 7 UED Zg] \hbe bl ghm iZkZee^e^] pbma lniik^llbhg \bk\nbm5
8B3 8D
Sri5A :7fU 1Zm 87B2
LZq5A <7fU 1Zm 87B2
MNA =7B 1Zm 9: 2
;7B 1Zm ?< 2
<7B 92
<7UED 92
8B =UED
8u87
<
NOR
8q87>NOR 1:77NOR6fbg2
877L 1Zm <77UED2
<77UBD 18fbg3 e^ZdZ`^
\nkk^gm e^ll maZg 8fB2
Sri5A =fl
LZq5A 87fl 1Zm ghfb5 ohe52
Bf[b^gm
m^fi5
Lhmhk
KZfi 92
<7
<7
8<7
:<
;7
;7
9
9
75<
9
9
;
87
9
8u87<
8u87<
8u87<
8u87<
8B
:7
:7
444
444
87
87
<7
<7
8<7
:<
;7
;7
;uI;6=7V
;uI;6=7V
444
JgbmbZe bglneZmbhg k^lblmZg\^
Sri5A ;fl
LZq5A >fl :2
4;7 mh 89<
4;7 mh 8<<
87Is mh <77Is ;@f6l9 1<`2
8@=f6l9 197`2
PD
VZla mb`am3 Enlm ikhm^\m^]
Biikhq5 :?`
\ho^k k^m^gmbhg 1inee / inla2A 9;<M fbg5
m^kfbgZe k^m^gmbhg 1inee / inla2A 877M fbg5
m^kfbgZe k^lblmZg\^ mh [^g]bg`
1_khgm / lb]^2A 87M fbg5
Ni^kZm^ mbf^
8LIVWTLU
<7B lpbm\abg` \ZiZ[bebmr
Fqm^g]^] m^fi^kZmnk^ kZg`^ ni mh 89<
Vbma mkZglb^gm lniik^llbhg k^lblmhk
8 Ghkf B / 8 Ghkf D \hgmZ\m ZkkZg`^f^gm
VZla mb`am Zg] ]nlm ikhm^\m^] mri^l ZoZbeZ[e^
QhIR / FKU \hfiebZgm
CZSNJIO 4SSONJIVNRQU
Q^e^Zl^ mbf^
UhemZ`^ ]khi 1bgbmbZe2 82
KhZ]
ohemZ`^
KhZ] mri^
DhgmZ\m
fZm^kbZe
KhZ] pbkbg`
]bZ`kZf :2
8D
KhZ] \nkk^gm B
Fe^\mkb\Ze
^g]nkZg\^
NOR
Q^lblmbo^
LZd^
Ck^Zd
LZd^ 82
Ck^Zd
LZd^
Ck^Zd
LZd^
Ck^Zd
INMHGB QFKBX
JRN@778~JRN6SR8=@;@ ~JRN8;778~NIRBR8?778 DFQSJGJFE
977> Q^o5 8577
Q^lblmbo^
Ng6N__ kZmbh
Ng
l
N__
l
=>
R^^
]bZ`kZf 8
R^^
]bZ`kZf ;
R^^
]bZ`kZf :
R^^
]bZ`kZf 9
DhgmZ\m ZkkZg`^f^gm
LZq5 lpbm\abg` \nkk^gm
LZq5 lpbm\abg` ohemZ`^
Lbg5 \hgmZ\m ehZ]
Fe^\mkb\Ze ^g]nkZg\^
L^\aZgb\Ze ^g]nkZg\^
:8E24
4DC?=?C;E7 A7<4G
*
*
*
*
*
*
5:4A45C7A;BC;5B
5?>C45C 64C4 ;2
LZq5 \hgmbgnhnl \nkk^gm
Q^Zk pbg]hp ]^_h``^k3 CZmm^kr ]bl\hgg^\mbhg3 Gn^e infi \hgmkhe3
BCR Zg] mkZ\mbhg \hgmkhe lrlm^3 Bbk4\hg]bmbhgbg`3 B6D [ehp^k3
Dhhebg` _Zg \hgmkhe3 Ihkg3 Gh` eZfi / a^Z]eb`am \hgmkhe
8:5<
UED
B`Mb758<
B`RgN9
9>UED
B`RgN9
B`RgN9
R^^
Bf[b^gm
m^fi5
\nko^
L^\aZgb\Ze ]ZmZ
Eb^e^\mkb\ lmk^g`ma
MN
MD
MN
Bf[b^gm m^fi^kZmnk^
RmhkZ`^ m^fi^kZmnk^
Ub[kZmbhg k^lblmZg\^
Rah\d k^lblmZg\^
S^kfbgZmbhg
Dhglmkn\mbhg
Tgbm p^b`am


Similar Part No. - HFV7A006HSPT

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV7 HONGFA-HFV7 Datasheet
82Kb / 4P
   AUTOMOTIVE RELAY
HFV7/006-H4SPTM-D HONGFA-HFV7/006-H4SPTM-D Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H4SPTM-D1 HONGFA-HFV7/006-H4SPTM-D1 Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H4SPTM-R HONGFA-HFV7/006-H4SPTM-R Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
HFV7/006-H6SPTM-D HONGFA-HFV7/006-H6SPTM-D Datasheet
92Kb / 6P
   AUTOMOTIVE RELAY
More results

Similar Description - HFV7A006HSPT

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com