Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8044 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA8044
Description  Satellite demodulator and decoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8044 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8044 Datasheet HTML 1Page - NXP Semiconductors TDA8044 Datasheet HTML 2Page - NXP Semiconductors TDA8044 Datasheet HTML 3Page - NXP Semiconductors TDA8044 Datasheet HTML 4Page - NXP Semiconductors TDA8044 Datasheet HTML 5Page - NXP Semiconductors TDA8044 Datasheet HTML 6Page - NXP Semiconductors TDA8044 Datasheet HTML 7Page - NXP Semiconductors TDA8044 Datasheet HTML 8Page - NXP Semiconductors TDA8044 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2000 Feb 21
5
Philips Semiconductors
Product specification
Satellite demodulator and decoder
TDA8044
PINNING
SYMBOL
PIN
I/O
DESCRIPTION
I2
1
I
digital I-input bit 2 (ADC bypass)
I3
2
I
digital I-input bit 3 (ADC bypass)
VSSD1
3
digital ground 1
CFS
4
I
clock frequency selection (remains at logic 0 for TDA8044A)
VSSD2
5
digital ground 2
I4
6
I
digital I-input bit 4 (ADC bypass)
I5
7
I
digital I-input bit 5 (ADC bypass)
I6
8
I
digital I-input bit 6 (ADC bypass: MSB)
Q0
9
I
digital Q-input bit 0 (ADC bypass: LSB)
VDDD1
10
digital supply voltage 1
Q1
11
I
digital Q-input bit 1 (ADC bypass)
Q2
12
I
digital Q-input bit 2 (ADC bypass)
Q3
13
I
digital Q-input bit 3 (ADC bypass)
Q4
14
I
digital Q-input bit 4 (ADC bypass)
VSSD3
15
digital ground 3
Q5
16
I
digital Q-input bit 5 (ADC bypass)
Q6
17
I
digital Q-input bit 6 (ADC bypass: MSB)
VSSD4
18
digital ground 4
VDDD2
19
digital supply voltage 2
PRESET
20
I
set device into default mode
P3
21
I/O
quasi-bidirectional I/O port (bit 3)
P2
22
I/O
quasi-bidirectional I/O port (bit 2)
P1
23
I/O
quasi-bidirectional I/O port (bit 1)
P0
24
I/O
quasi-bidirectional I/O port (bit 0)
VDDD3
25
digital supply voltage 3
P5
26
I/O
quasi-bidirectional I/O port (bit 5)
P4
27
I/O
quasi-bidirectional I/O port (bit 4)
PDOCLK
28
O
output clock for transport stream bytes
PDO0
29
O
parallel data output (bit 0)
PDO1
30
O
parallel data output (bit 1)
PDO2
31
O
parallel data output (bit 2)
VSSD5
32
digital ground 5
PDO3
33
O
parallel data output (bit 3)
PDO4
34
O
parallel data output (bit 4)
PDO5
35
O
parallel data output (bit 5)
VSSD6
36
digital ground 6
VSSD7
37
digital ground 7
PDO6
38
O
parallel data output (bit 6)
POR
39
I
Power-on reset [can be connected to PRESET (pin 20)]
VDDD4
40
digital supply voltage 4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn