Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8043H Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA8043H
Description  Satellite Demodulator and Decoder SDD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8043H Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA8043H Datasheet HTML 7Page - NXP Semiconductors TDA8043H Datasheet HTML 8Page - NXP Semiconductors TDA8043H Datasheet HTML 9Page - NXP Semiconductors TDA8043H Datasheet HTML 10Page - NXP Semiconductors TDA8043H Datasheet HTML 11Page - NXP Semiconductors TDA8043H Datasheet HTML 12Page - NXP Semiconductors TDA8043H Datasheet HTML 13Page - NXP Semiconductors TDA8043H Datasheet HTML 14Page - NXP Semiconductors TDA8043H Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1998 Feb 13
11
Philips Semiconductors
Product specification
Satellite Demodulator and Decoder (SDD)
TDA8043
PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.25
0.05
2.90
2.65
0.25
0.40
0.25
0.25
0.14
14.1
13.9
0.65
18.2
17.6
1.0
0.6
7
0
o
o
0.15
0.1
0.2
1.95
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
1.0
0.6
SOT317-2
95-02-04
97-08-01
D(1)
(1)
(1)
20.1
19.9
HD
24.2
23.6
E
Z
0.8
0.4
D
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
30
c
b p
E
H
A2
D
Z D
A
Z E
e
v M A
1
100
81
80
51
50
31
pin 1 index
X
y
bp
D
H
v M B
w M
w M
0
5
10 mm
scale
QFP100: plastic quad flat package; 100 leads (lead length 1.95 mm); body 14 x 20 x 2.8 mm
SOT317-2
A
max.
3.20


Similar Part No. - TDA8043H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
   Quadrature demodulator controller
November 1994
TDA8042 PHILIPS-TDA8042 Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
   Satellite demodulator and decoder
2000 Feb 21
More results

Similar Description - TDA8043H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
   Satellite demodulator and decoder
2000 Feb 21
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
   Satellite Demodulator and Decoder SDD3
1999 Jul 28
logo
Zarlink Semiconductor I...
ZL10312 ZARLINK-ZL10312 Datasheet
340Kb / 15P
   Satellite Demodulator
ZL10313 ZARLINK-ZL10313 Datasheet
450Kb / 26P
   Satellite Demodulator
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
   Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
STMicroelectronics
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
   TV AND SATELLITE DECODER SCANNING PROCESSOR
September 1993
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Mitel Networks Corporat...
VP305 MITEL-VP305 Datasheet
652Kb / 85P
   Satellite Channel Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com