Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVT-DINAV1DD03Y Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CVT-DINAV1DD03Y
Description  Compact Transducer for AC Measurements
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CVT-DINAV1DD03Y Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CVT-DINAV1DD03Y Datasheet HTML 1Page - List of Unclassifed Manufacturers CVT-DINAV1DD03Y Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice
Warm-up time
15 minutes
Operating temperature
0 to 50°C (32 to 122°F)
(R.H. < 90% non-condensing)
Storage temperature
-10 to 60°C (14 to 140°F)
(R.H. < 90% non-condensing)
Insulation reference voltage
300 Vrms to ground
Insulation
2000 Vrms between output
and measuring input,
output and supply input.
4000 Vrms between
input/output and ground
Dielectric strength
4000 Vrms for 1 minute
Noise rejection
CMRR
≥ 80 dB, 48 to 62 Hz
EMC
EN 50081-1, EN 50082-1
CVT-DIN AV1/AV4/AV5
Dimensions
General Specifications
AC supply
230 VAC, -15% +10%,
50/60 Hz (standard)
24 VAC, 48 VAC, 115 VAC,
-15% +10%, 50/60 Hz
(on request)
Power consumption
≤ 5 VA
Supply Specifications
Range/load
0 to 20 mA
Load:
≤ 500 Ω
4 to 20 mA
Load:
≤ 500 Ω
0 to 10 V
Load:
≥ 10 kΩ
0 to ±1 V
Load:
≥ 10 kΩ
Adjustment
Easy field adjustment from 50
to 130% of the I/U inputs
which can be modified with-
out any calibrator being re-
quested
Response time
300 ms typical
Temperature drift
200 ppm/ºC
Output Specifications
Safety standards
Safety requirements
IEC 601010-1, EN 61010-1
Product requirements
IEC 60688-1, EN 60688-1
Connector
Screw-type,
max. 2.5 mm2 wires
Housing
Dimensions
4-DIN modules,
58.5 x 89 x 71.5 mm
Material
ABS,
self-extinguishing: UL 94 V-0
Degree of protection
IP 50
Weight
300 g approx.
(packing included)
Approval
CE
Connections
230VAC
115VAC
48VAC
24VAC
~
~
1
3
4 5 6
8
10 11 12
CVT-DIN
A-V AC/DC
Note
Measurement inputs
Current measurement: between
current input and common (1)
terminals;
Voltage measurement: between
voltage input and common (1)
terminals.


Similar Part No. - CVT-DINAV1DD03Y

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CVT-2240 CYPRESS-CVT-2240 Datasheet
14Kb / 3P
   Wiegand -> ASCII Converter
More results

Similar Description - CVT-DINAV1DD03Y

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
PTB-1000 ATS-PTB-1000 Datasheet
513Kb / 1P
   DIFFERENTIAL PRESSURE TRANSDUCER BOARD FOR HIGHLY ACCURATE MEASUREMENTS WITHIN ELECTRONIC SYSTEMS
R2_0215
logo
List of Unclassifed Man...
369B ETC2-369B Datasheet
458Kb / 2P
   AC voltage and current measurements
logo
LEM
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
   AC Current transducer
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
   AC Current transducer
logo
Canopus Electronics (H....
CMT1206-X CANOPUS-CMT1206-X Datasheet
871Kb / 1P
   Magnetic Transducer (AC)
CMT1209 CANOPUS-CMT1209 Datasheet
832Kb / 1P
   Magnetic Transducer (AC)
logo
LEM
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
   AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
   AC Current transducer
logo
Canopus Electronics (H....
CMT0704 CANOPUS-CMT0704 Datasheet
791Kb / 1P
   Magnetic Transducer (AC)
CMT1614-T CANOPUS-CMT1614-T Datasheet
862Kb / 1P
   Magnetic Transducer (AC)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com